Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R7 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R7
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R7 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  INMP441ACEZ-R7 Datasheet HTML 1Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 2Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 3Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 4Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 5Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 6Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 7Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 8Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
INMP441
TABLE 2. I2S DIGITAL INPUT/OUTPUT CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
DIGITAL INPUT
Input Voltage High (VIH)
L/R, WS, SCK
0.7 x VDD
VDD
V
1
Input Voltage Low (VIL)
L/R, WS, SCK
0
0.25 x VDD
V
1
SD DIGITAL INPUT
Voltage Output Low (VOL)
VDD = 1.8 V, ISINK = 0.25 mA
0.1 × VDD
V
1
Voltage Output Low (VOL)
VDD = 1.8 V, ISINK = 0.7 mA
0.3 × VDD
V
1
Voltage Output High (VOH)
VDD = 1.8 V, ISINK = 0.7 mA
0.7 × VDD
V
1
Voltage Output High (VOH)
VDD = 1.8 V, ISINK = 0.25 mA
0.9 × VDD
V
1
Voltage Output Low (VOL)
VDD = 3.3 V, ISINK = 0.5 mA
0.1 × VDD
V
1
Voltage Output Low (VOL)
VDD = 3.3 V, ISINK = 1.7 mA
0.3 × VDD
V
1
Voltage Output High (VOH)
VDD = 3.3 V, ISINK = 1.7 mA
0.7 × VDD
V
1
Voltage Output High (VOH)
VDD = 3.3 V, ISINK = 0.5 mA
0.9 × VDD
V
1
Note 1: Limits based on characterization results; not production tested.
TABLE 3. SERIAL DATA PORT TIMING SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
tSCH
SCK high
50
ns
tSCL
SCK low
50
ns
tSCP
SCK period
312
ns
fSCK
SCK frequency
0.5
3.2
MHz
tWSS
WS setup
0
ns
tWSH
WS hold
20
ns
fWS
WS frequency
7.8
50
kHz
TIMING DIAGRAM
Figure 1. Serial Data Port Timing
SCK
WS
SD
tSCP
tSCH
tSCL
tWSH
tWSS
Page 5 of 21
Document Number: DS-INMP441-00
Revision: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com