Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R7 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R7
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R7 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button INMP441ACEZ-R7 Datasheet HTML 3Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 4Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 5Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 6Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 7Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 8Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 9Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 10Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
INMP441
SOLDERING PROFILE
Figure 2. Recommended Soldering Profile Limits
TABLE 5. RECOMMENDED SOLDERING PROFILE*
PROFILE FEATURE
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
1.25°C/sec max
1.25°C/sec max
Preheat
Minimum Temperature
(TSMIN)
100°C
100°C
Minimum Temperature
(TSMIN)
150°C
200°C
Time (TSMIN to TSMAX), tS
60 sec to 75 sec
60 sec to 75 sec
Ramp-Up Rate (TSMAX to TL)
1.25°C/sec
1.25°C/sec
Time Maintained Above Liquidous (tL)
45 sec to 75 sec
~50 sec
Liquidous Temperature (TL)
183°C
217°C
Peak Temperature (TP)
215°C +3°C/−3°C
260°C +0°C/−5°C
Time Within +5°C of Actual Peak
Temperature (tP)
20 sec to 30 sec
20 sec to 30 sec
Ramp-Down Rate
3°C/sec max
3°C/sec max
Time +25°C (t25°C) to Peak Temperature 5 min max
5 min max
*The reflow profile in Table 5 is recommended for board manufacturing with InvenSense MEMS microphones. All microphones are
also compatible with the J-STD-020 profile.
tP
tL
t25°C TO PEAK TEMPERATURE
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Page 7 of 21
Document Number: DS-INMP441-00
Revision: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com