Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R7 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R7
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R7 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button INMP441ACEZ-R7 Datasheet HTML 13Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 14Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 15Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 16Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 17Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 18Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 19Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 20Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
INMP441
PCB DESIGN AND LAND PATTERN LAYOUT
Lay out the PCB land pattern for the INMP441 at a 1:1 ratio to the solder pads on the microphone package (see Figure 14.) Take care
to avoid applying solder paste to the sound hole in the PCB. Figure 15 shows a suggested solder paste stencil pattern layout.
The response of the INMP441 is not affected by the PCB hole size, as long as the hole is not smaller than the sound port of the micro-
phone (0.25 mm, or 0.010 inch, in diameter). A 0.5 mm to 1 mm (0.020 inch to 0.040 inch) diameter for the hole is recommended.
Align the hole in the microphone package with the hole in the PCB. The exact degree of the alignment does not affect the
performance of the microphone as long as the holes are not partially or completely blocked.
Figure 14. Suggested PCB Land Pattern Layout
Figure 15. Suggested Solder Paste Stencil Pattern Layout
DIMENSIONS SHOWN IN MILLIMETERS
1.33 (2×)
2.66 (4×)
0.40 × 0.60
(8×)
0.96
1.56
3.16
1.05
(6×)
0.25 DIA.
(THRU HOLE)
DIMENSIONS SHOWN IN MILLIMETERS
1.33 (2×)
3.76
0.20
2.66 (4×)
0.350 × 0.550
(8×)
1.6
4.72
1.07
1.05
(6×)
1.05
Page 17 of 21
Document Number: DS-INMP441-00
Revision: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com