Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R7 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R7
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R7 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  INMP441ACEZ-R7 Datasheet HTML 1Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 2Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 3Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 4Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 5Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 6Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 7Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 8Page - List of Unclassifed Manufacturers INMP441ACEZ-R7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
INMP441
SPECIFICATIONS
TABLE 1. ELECTRICAL CHARACTERISTICS
(TA = −40 to 85°C, VDD = 1.8 to 3.3 V, CLK = 2.4 MHz, CLOAD = 30 pF, unless otherwise noted. All minimum and
maximum specifications are guaranteed across temperature, voltage, and clock frequency specified in Table 1, Table
2, Table 3, unless otherwise noted. Typical specifications are not guaranteed.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
PERFORMANCE
Directionality
Omni
Sensitivity
1 kHz, 94 dB SPL
−29
−26
−23
dBFS
1
Signal-to-Noise Ratio (SNR)
20 Hz to 20 kHz, A-weighted
61
dBA
Equivalent Input Noise (EIN)
20 Hz to 20 kHz, A-weighted
33
dBA SPL
Dynamic Range
Derived from EIN and
maximum acoustic input
87
dB
Frequency Response
Low frequency −3 dB point
60
Hz
2
High frequency −3 dB point
15
kHz
Total Harmonic Distortion (THD)
105 dB SPL
3
%
Power-Supply Rejection (PSR)
217 Hz, 100 mVp-p square
wave superimposed on VDD =
1.8 V
−75
dBFS
Maximum Acoustic Input
Peak
120
dB SPL
Noise Floor
20 Hz to 20 kHz, A-weighted,
RMS
−87
dBFS
POWER SUPPLY
Supply Voltage (VDD)
1.62
3.63
V
Supply Current (IS)
VDD = 1.8 V
Normal Mode
1.4
1.6
mA
Standby
0.8
mA
Power Down
2
µA
VDD = 3.3 V
Normal Mode
2.2
2.5
mA
Standby
0.8
mA
Power Down
4.5
µA
DIGITAL FILTER
Group Delay
17.2/fS
sec
fS = 48 kHz
359
µs
fS = 16 kHz
1078
µs
Pass-Band Ripple
±0.04
dB
Stop-Band Attenuation
60
dB
Pass Band
0.423 × fS
20.3
kHz
Note 1: The peak-to-peak amplitude relative to peak-to-peak amplitude of (224 − 1.) The stimulus is a 104 dB SPL sinusoid having RMS amplitude
of 3.1623 Pa. Sensitivity is relative to 1 Pa.
Note 2: See Figure 4 and Figure 5.
Page 4 of 21
Document Number: DS-INMP441-00
Revision: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com