Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2562FD Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP2562FD
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2562FD Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP2562FD Datasheet HTML 24Page - Microchip Technology MCP2562FD Datasheet HTML 25Page - Microchip Technology MCP2562FD Datasheet HTML 26Page - Microchip Technology MCP2562FD Datasheet HTML 27Page - Microchip Technology MCP2562FD Datasheet HTML 28Page - Microchip Technology MCP2562FD Datasheet HTML 29Page - Microchip Technology MCP2562FD Datasheet HTML 30Page - Microchip Technology MCP2562FD Datasheet HTML 31Page - Microchip Technology MCP2562FD Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005284A-page 29
MCP2561/2FD
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact the factory or one of the sales offices listed on the back page
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
MCP2561FD:High-Speed CAN Transceiver with SPLIT
MCP2561FDT:High-Speed CAN Transceiver with SPLIT
(Tape and Reel) (DFN and SOIC only)
MCP2562FD:High-Speed CAN Transceiver with VIO
MCP2562FDT:High-Speed CAN Transceiver with VIO
(Tape and Reel) (DFN and SOIC only)
Temperature
Range:
E
=
-40°C to +125°C (Extended)
H
=
-40°C to +150°C (High)
Package:
MF = Plastic Dual Flat, No Lead Package -
3x3x0.9 mm Body, 8-lead
P
= Plastic Dual In-Line - 300 mil Body, 8-lead
SN = Plastic Small Outline - Narrow, 3.90 mm Body,
8-lead
Examples:
a)
MCP2561FD-E/MF:Extended Temperature,
8LD 3x3 DFN package.
b)
MCP2561FDT-E/MF:Tape and Reel,
Extended Temperature,
8LD 3x3 DFN package.
c)
MCP2561FD-E/P: Extended Temperature,
8LD PDIP package.
d)
MCP2561FD-E/SN:Extended Temperature,
8LD SOIC package.
e)
MCP2561FDT-E/SN:Tape and Reel,
Extended Temperature,
8LD SOIC package.
a)
MCP2561FD-H/MF:High Temperature,
8LD 3x3 DFN package.
b)
MCP2561FDT-H/MF:Tape and Reel,
High Temperature,
8LD 3x3 DFN package.
c)
MCP2561FD-H/P: High Temperature,
8LD PDIP package.
d)
MCP2561FD-H/SN:High Temperature,
8LD SOIC package.
e)
MCP2561FDT-H/SN:Tape and Reel,
High Temperature,
8LD SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com