Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2562FD Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP2562FD
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2562FD Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP2562FD Datasheet HTML 4Page - Microchip Technology MCP2562FD Datasheet HTML 5Page - Microchip Technology MCP2562FD Datasheet HTML 6Page - Microchip Technology MCP2562FD Datasheet HTML 7Page - Microchip Technology MCP2562FD Datasheet HTML 8Page - Microchip Technology MCP2562FD Datasheet HTML 9Page - Microchip Technology MCP2562FD Datasheet HTML 10Page - Microchip Technology MCP2562FD Datasheet HTML 11Page - Microchip Technology MCP2562FD Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP2561/2FD
DS20005284A-page 8
 2014 Microchip Technology Inc.
2.2
Absolute Maximum Ratings†
VDD.............................................................................................................................................................................7.0V
VIO..............................................................................................................................................................................7.0V
DC Voltage at TXD, RXD, STBY and VSS.............................................................................................-0.3V to VIO + 0.3V
DC Voltage at CANH, CANL and SPLIT ...................................................................................................... -58V to +58V
Transient Voltage on CANH, CANL (ISO-7637) (See Figure 2-5)............................................................ -150V to +100V
Storage temperature ...............................................................................................................................-55°C to +150°C
Operating ambient temperature ..............................................................................................................-40°C to +150°C
Virtual Junction Temperature, TVJ (IEC60747-1) ....................................................................................-40°C to +190°C
Soldering temperature of leads (10 seconds) .......................................................................................................+300°C
ESD protection on CANH and CANL pins for MCP2561FD (IEC 61000-4-2) ........................................................±14 kV
ESD protection on CANH and CANL pins for MCP2562FD (IEC 61000-4-2) ..........................................................±8 kV
ESD protection on CANH and CANL pins (IEC 801; Human Body Model)..............................................................±8 kV
ESD protection on all other pins (IEC 801; Human Body Model).............................................................................±4 kV
ESD protection on all pins (IEC 801; Machine Model) ............................................................................................±300V
ESD protection on all pins (IEC 801; Charge Device Model)..................................................................................±750V
† NOTICE: Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com