Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2562FD Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP2562FD
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2562FD Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP2562FD Datasheet HTML 5Page - Microchip Technology MCP2562FD Datasheet HTML 6Page - Microchip Technology MCP2562FD Datasheet HTML 7Page - Microchip Technology MCP2562FD Datasheet HTML 8Page - Microchip Technology MCP2562FD Datasheet HTML 9Page - Microchip Technology MCP2562FD Datasheet HTML 10Page - Microchip Technology MCP2562FD Datasheet HTML 11Page - Microchip Technology MCP2562FD Datasheet HTML 12Page - Microchip Technology MCP2562FD Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005284A-page 9
MCP2561/2FD
2.3
DC Characteristics
Electrical Characteristics: Extended (E): TAMB = -40°C to +125°C and High (H): TAMB = -40°C to +150°C;
VDD = 4.5V to 5.5V, VIO = 1.8V to 5.5V (Note 2), RL = 60
, CL = 100 pF; unless otherwise specified.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
SUPPLY
VDD Pin
Voltage Range
VDD
4.5
—
5.5
Supply Current
IDD
—
5
10
mA
Recessive; VTXD = VDD
—
45
70
Dominant; VTXD = 0V
Standby Current
IDDS
—
5
15
µA
MCP2561FD
—
5
15
MCP2562FD; Includes IIO
High Level of the POR
Comparator
VPORH
3.8
—
4.3
V
Low Level of the POR
Comparator
VPORL
3.4
—
4.0
V
Hysteresis of POR
Comparator
VPORD
0.3
—
0.8
V
VIO Pin
Digital Supply Voltage Range
VIO
1.8
—
5.5
V
Supply Current on VIO
IIO
—
4
30
µA
Recessive; VTXD = VIO
—
85
500
Dominant; VTXD = 0V
Standby Current
IDDS
—
0.3
1
µA
(Note 1)
Undervoltage detection on VIO
VUVD(IO)
—
1.2
—
V
(Note 1)
BUS LINE (CANH; CANL) TRANSMITTER
CANH; CANL:
Recessive Bus Output Voltage
VO(R)
2.0
0.5VDD
3.0
V
VTXD = VDD; No load
CANH; CANL:
Bus Output Voltage in Standby
VO(S)
-0.1
0.0
+0.1
V
STBY = VTXD = VDD; No load
Recessive Output Current
IO(R)
-5
—
+5
mA
-24V < VCAN < +24V
CANH: Dominant
Output Voltage
VO(D)
2.75
3.50
4.50
V
TXD = 0; RL = 50 to 65
CANL: Dominant
Output Voltage
0.50
1.50
2.25
RL = 50 to 65
Symmetry of Dominant
Output Voltage
(VDD – VCANH – VCANL)
VO(D)(M)
-400
0
+400
mV
VTXD = VSS (Note 1)
Dominant: Differential
Output Voltage
VO(DIFF)
1.5
2.0
3.0
V
VTXD = VSS; RL = 50 to 65

Figure 2-2, Figure 2-4
Recessive:
Differential Output Voltage
-120
0
12
mV
VTXD = VDD
Figure 2-2, Figure 2-4
-500
0
50
mV
VTXD = VDD,no load.
Figure 2-2, Figure 2-4
Note 1:
Characterized; not 100% tested.
2:
Only MCP2562FD has VIO pin. For the MCP2561FD, VIO is internally connected to VDD.
3:
-12V to 12V is ensured by characterization, tested from -2V to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com