Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2562FD Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2562FD
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2562FD Datasheet(HTML) 4 Page - Microchip Technology

  MCP2562FD Datasheet HTML 1Page - Microchip Technology MCP2562FD Datasheet HTML 2Page - Microchip Technology MCP2562FD Datasheet HTML 3Page - Microchip Technology MCP2562FD Datasheet HTML 4Page - Microchip Technology MCP2562FD Datasheet HTML 5Page - Microchip Technology MCP2562FD Datasheet HTML 6Page - Microchip Technology MCP2562FD Datasheet HTML 7Page - Microchip Technology MCP2562FD Datasheet HTML 8Page - Microchip Technology MCP2562FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP2561/2FD
DS20005284A-page 4
 2014 Microchip Technology Inc.
1.5
Permanent Dominant Detection
The MCP2561/2FD device prevents two conditions:
• Permanent Dominant condition on TXD
• Permanent Dominant condition on the bus
In Normal mode, if the MCP2561/2FD detects an
extended Low state on the TXD input, it will disable the
CANH and CANL output drivers in order to prevent the
corruption of data on the CAN bus. The drivers will
remain disabled until TXD goes High.
In Standby mode, if the MCP2561/2FD detects an
extended Dominant condition on the bus, it will set the
RXD pin to Recessive state. This allows the attached
controller to go to Low-Power mode until the Dominant
issue is corrected. RXD is latched High until a
Recessive state is detected on the bus, and the
wake-up function is enabled again.
Both conditions have a time-out of 1.25 ms (typical).
This implies a maximum bit time of 69.44 µs
(14.4 kHz), allowing up to 18 consecutive dominant bits
on the bus.
1.6
Power-On Reset (POR) and
Undervoltage Detection
The MCP2561/2FD has undervoltage detection on
both supply pins: VDD and VIO. Typical undervoltage
thresholds are 1.2V for VIO and 4V for VDD.
When the device is powered on, CANH and CANL
remain in a high-impedance state until both VDD and
VIO exceed their undervoltage levels. Once powered
on, CANH and CANL will enter a high-impedance state
if the voltage level at VDD drops below the undervoltage
level, providing voltage brown-out protection during
normal operation.
In Normal mode, the receiver output is forced to
Recessive state during an undervoltage condition on
VDD. In Standby mode, the low-power receiver is only
enabled when both VDD and VIO supply voltages rise
above their respective undervoltage thresholds. Once
these threshold voltages are reached, the low-power
receiver is no longer controlled by the POR comparator
and remains operational down to about 2.5V on the
VDD supply (MCP2561/2FD). The MCP2562FD
transfers data to the RXD pin down to 1.8V on the VIO
supply.
1.7
Pin Descriptions
Table 1-2 describes the pinout.
TABLE 1-2:
MCP2561/2FD PIN DESCRIPTIONS
MCP2561FD
3x3 DFN
MCP2561FD
PDIP, SOIC
MCP2562FD
3x3 DFN
MCP2562FD
PDIP, SOIC
Symbol
Pin Function
1
1
1
1
TXD
Transmit Data Input
2
2
2
2
VSS
Ground
3
3
3
3
VDD
Supply Voltage
4
4
4
4
RXD
Receive Data Output
5
5
—
—
SPLIT
Common Mode Stabilization - MCP2561FD only
—
—
5
5
VIO
Digital I/O Supply Pin - MCP2562FD only
6
6
6
6
CANL
CAN Low-Level Voltage I/O
7
7
7
7
CANH CAN High-Level Voltage I/O
8
8
8
8
STBY
Standby Mode Input
9
—
9
—
EP
Exposed Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com