Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2562FD Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2562FD
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2562FD Datasheet(HTML) 1 Page - Microchip Technology

  MCP2562FD Datasheet HTML 1Page - Microchip Technology MCP2562FD Datasheet HTML 2Page - Microchip Technology MCP2562FD Datasheet HTML 3Page - Microchip Technology MCP2562FD Datasheet HTML 4Page - Microchip Technology MCP2562FD Datasheet HTML 5Page - Microchip Technology MCP2562FD Datasheet HTML 6Page - Microchip Technology MCP2562FD Datasheet HTML 7Page - Microchip Technology MCP2562FD Datasheet HTML 8Page - Microchip Technology MCP2562FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005284A-page 1
MCP2561/2FD
Features:
• Optimized for CAN FD (Flexible Data rate) at 2, 5
and 8 Mbps Operation
- Maximum Propagation Delay: 120 ns
- Loop Delay Symmetry: -10%/+10% (2 Mbps)
• Implements ISO-11898-2 and ISO-11898-5
Standard Physical Layer Requirements
• Very Low Standby Current (5 µA, typical)
•VIO Supply Pin to Interface Directly to
CAN Controllers and Microcontrollers with
1.8V to 5.5V I/O
• SPLIT Output Pin to Stabilize Common Mode in
Biased Split Termination Schemes
• CAN Bus Pins are Disconnected when Device is
Unpowered
- An Unpowered Node or Brown-Out Event will
Not Load the CAN Bus
• Detection of Ground Fault:
- Permanent Dominant Detection on TXD
- Permanent Dominant Detection on Bus
• Power-on Reset and Voltage Brown-Out
Protection on VDD Pin
• Protection Against Damage Due to Short-Circuit
Conditions (Positive or Negative Battery Voltage)
• Protection Against High-Voltage Transients in
Automotive Environments
• Automatic Thermal Shutdown Protection
• Suitable for 12V and 24V Systems
• Meets or exceeds stringent automotive design
requirements including “Hardware Requirements
for LIN, CAN and FlexRay Interfaces in
Automotive Applications”, Version 1.3, May 2012
- Radiated emissions @ 2 Mbps with Common
Mode Choke (CMC)
-DPI @ 2 Mbps with CMC
• High ESD Protection on CANH and CANL,
meeting IEC61000-4-2 up to ±14 kV
• Available in PDIP-8L, SOIC-8L and 3x3 DFN-8L
• Temperature ranges:
- Extended (E): -40°C to +125°C
- High (H): -40°C to +150°C
Description:
The MCP2561/2FD is a second generation high-speed
CAN transceiver from Microchip Technology Inc. It
offers the same features as the MCP2561/2.
Additionally, it guarantees Loop Delay Symmetry in
order to support the higher data rates required for CAN
FD. The maximum propagation delay was improved to
support longer bus length.
The device meets the automotive requirements for
CAN FD bit rates exceeding 2 Mbps, low quiescent
current, electromagnetic compatibility (EMC) and
electrostatic discharge (ESD).
Package Types
MCP2561/2FD Family Members
MCP2562FD
PDIP, SOIC
VDD
VSS
RXD
CANH
CANL
1
2
3
4
8
7
6
5 VIO
STBY
TXD
MCP2561FD
PDIP, SOIC
VDD
VSS
RXD
CANH
CANL
1
2
3
4
8
7
6
5 SPLIT
STBY
TXD
MCP2561FD
3x3 DFN*
VDD
VSS
RXD
CANH
CANL
1
2
3
4
8
7
6
5 SPLIT
STBY
TXD
EP
9
MCP2562FD
3x3 DFN*
VDD
VSS
RXD
CANH
CANL
1
2
3
4
8
7
6
5 VIO
STBY
TXD
EP
9
* Includes Exposed Thermal Pad (EP); see Table 1-2
Device
Feature
Description
MCP2561FD
SPLIT pin
Common mode stabilization
MCP2562FD
VIO pin
Internal level shifter on digital I/O pins
Note: For ordering information, see the “Product Identification System” section on page 29.
High-Speed CAN Flexible Data Rate Transceiver


Similar Part No. - MCP2562FD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2562 MICROCHIP-MCP2562 Datasheet
668Kb / 30P
High-Speed CAN Transceiver
2013
More results

Similar Description - MCP2562FD

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-220 KYL-KYL-220 Datasheet
155Kb / 9P
High speed Rate RF Transceiver Data Module
logo
Infineon Technologies A...
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
Microchip Technology
MCP25612FD MICROCHIP-MCP25612FD Datasheet
542Kb / 26P
Dual CAN Flexible Data-Rate Transceiver
01/27/15
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
ISO1042 TI1-ISO1042 Datasheet
1Mb / 26P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
ISO1042 TI1-ISO1042_18 Datasheet
1Mb / 33P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
ISO1042_1809 TI1-ISO1042_1809 Datasheet
2Mb / 41P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
ISO1042-Q1 TI1-ISO1042-Q1 Datasheet
2Mb / 40P
Automotive Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com