Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HD Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # C232HD
Description  C232HD USB 2.0 HI-SPEED TO UART CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HD Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button C232HD Datasheet HTML 5Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 9Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 10Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 11Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 12Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Copyright © Future Technology Devices International Limited
9
C232HD USB 2.0 HI-SPEED TO UART CABLE Datasheet
Version 1.3
Document No.: FT_000430 Clearance No.: FTDI# 222
3.2
C232HD UART Cable Signal Descriptions
Colour
Pin
Number
Name
Type
Description
Red
1
VCC
Output
Power Supply Output to target board.
Orange
2
TXD
Output
Transmit Asynchronous Data output.
Yellow
3
RXD
Input
Receive Asynchronous Data input.
Green
4
RTS#
Output
Request To Send Control Output / Handshake
signal.
Brown
5
CTS#
Input
Clear to Send Control input / Handshake signal.
Gray
6
DTR#
Output
Data Transmit Ready modem signalling line
Purple
7
DSR#
Input
Data Set Ready modem signalling line
White
8
DCD#
Input
Data Carrier Detect modem signalling line
Blue
9
RI#
Input
RI# = Ring Indicator Control Input. When the
Remote Wake up option is enabled in the
EEPROM, taking RI# low can be used to resume
the PC USB Host controller from suspend.
Black
10
GND
GND
Device ground supply pin.
Table 3.1 C232HD UART Cable Signal Descriptions
3.3
C232HD UART Cable Electrical Parameters
3.3.1 C232HD-DDHSP-0 Electrical Parameters
Parameter
Description
Minimum
Typical Maximum
Units
Conditions
VCC
Output Power
Voltage
3.2
3.3
3.6
V
IO
Output Power
Current
-
-
250
mA
T
Operating
Temperature Range
-40
+85
o
C
Table 3.2 C232HD-DDHSP-0
3.3.2 C232HD-EDHSP-0 Electrical Parameters
Parameter
Description
Minimum Typical Maximum
Units
Conditions
VCC
Output Power
Voltage
4.75
5
5.25
V
IO
Supply Current
-
-
450
mA
Must be less than
2.5mA during
suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com