Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HD Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # C232HD
Description  C232HD USB 2.0 HI-SPEED TO UART CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HD Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button C232HD Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 9Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 10Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 11Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 12Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 13Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 14Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Copyright © Future Technology Devices International Limited
11
C232HD USB 2.0 HI-SPEED TO UART CABLE Datasheet
Version 1.3
Document No.: FT_000430 Clearance No.: FTDI# 222
Rpu
Input pull-up
resistance
40
75
190
KΩ
Vin = 0
Rpd
Input pull-down
resistance
40
75
190
KΩ
Vin =VCCIO
Iin
Input Leakage
Current
15
45
85
μA
Vin = 0
Ioz
Tri-state output
leakage current
±10
μA
Vin = 5.5V or 0
Table 3.4 C232HD-DDHSP-0 and C232HD-EDHSP-0 I/O Pin Characteristics
* The I/O drive strength and slow slew-rate are configurable in the EEPROM.
The I/O pins are +3.3v cells, which are +5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com