Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HD Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # C232HD
Description  C232HD USB 2.0 HI-SPEED TO UART CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HD Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  C232HD Datasheet HTML 1Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 2Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 3Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 4Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 5Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright © Future Technology Devices International Limited
2
C232HD USB 2.0 HI-SPEED TO UART CABLE Datasheet
Version 1.3
Document No.: FT_000430 Clearance No.: FTDI# 222
1
Description
The USB 2.0 Hi-Speed to UART cable incorporates FTDI’s FT232H USB to UART interface IC device
which handles all the USB signalling and protocols. The cable provides a fast, simple way to connect
devices with 3.3 volt digital interfaces to USB.
The C232HD UART cable contains a small internal electronic circuit board, utilising the FT232H, which is
encapsulated into the USB connector end of the cable. The FT232H is a single channel USB 2.0 Hi-Speed
(480Mb/s) to UART IC. For full details, features and enhancement descriptions please refer to the FT232H
datasheet.
The digital interface of the cable is made up of ten individual wires which are terminated with single pole
connectors which can be connected next to each other on a male header. The cables digital interface logic
is 3.3 volts.
The USB side of the cable is USB powered and is USB 2.0 Hi-Speed compatible. The cable is 1.8m long
and supports a data transfer rate up to 12 Mbaud.
The C232HD UART cable requires USB drivers, available free from http://www.ftdichip.com , which are
used to make the FT232H in the cable appear as a virtual COM port (VCP). This then allows the user to
communicate with the USB interface via a standard PC serial emulation port (for example TTY).
Another FTDI USB driver, the D2XX, is used with application software to directly access the FT232H on
the cable though a DLL. This is illustrated in the Figure 1-1.
TTY
USB
Virtual COM Port
Software application access to USB via D2XX
USB
TTY
UART SIGNALS
UART SIGNALS
10 Female pin
headers
Connector
10 Female pin
headers
Connector
Figure 1-1 Using the C232HD UART Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com