Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HD Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # C232HD
Description  C232HD USB 2.0 HI-SPEED TO UART CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HD Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  C232HD Datasheet HTML 1Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 2Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 3Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 4Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 5Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright © Future Technology Devices International Limited
3
C232HD USB 2.0 HI-SPEED TO UART CABLE Datasheet
Version 1.3
Document No.: FT_000430 Clearance No.: FTDI# 222
1.1
Available Cables and Part Numbers
The following Table 1.1 gives details of the available C232HD UART cables.
Part Number
Description
End Connector
Cable details
C232HD-DDHSP-0
USB to UART cable with
+3.3V digital level signals.
Maximum output of 250mA
@ 3.3VDC on VCC
(see Note 1)
Single pole,
receptacle x 10
10 core, UL2464 24 AWG,
diameter=6.5mm
length = 1800mm
C232HD-EDHSP-0
USB to UART cable with
+3.3V digital level signals.
Maximum output of 450mA
@ 5.0VDC on VCC
(see Note 2)
Single pole,
receptacle x 10
10 core, UL2464 24 AWG,
diameter=6.5mm
length = 1800mm
Table 1.1 C232HD UART Cable Descriptions and Part Numbers
Note 1: The VCC power output signal (RED wire) is 3.3V. The source of 3.3V is the on-board regulator
output, which is switched onto the power output signal.
Note 2: The VCC power output signal (RED wire) is 5.0V. The source of 5.0V is the USB VBUS input,
which is switched onto the power output signal.
FTDI supports customised end connector designs. For more information, please contact your local FTDI
sales office (see end of datasheet for contact details).
1.2
Certifications
The FTDI C232HD UART cables are fully RoHS compliant as well as CE and FCC certified.
1.3
USB Compliant
The FTDI C232HD UART cables are fully compliant with the USB 2.0 specification and have been given
the USB-IF Test-ID (TID) 10820025.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com