Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C232HD Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # C232HD
Description  C232HD USB 2.0 HI-SPEED TO UART CABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

C232HD Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button C232HD Datasheet HTML 2Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 3Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 4Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 5Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 6Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 7Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 8Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 9Page - Future Technology Devices International Ltd. C232HD Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright © Future Technology Devices International Limited
6
C232HD USB 2.0 HI-SPEED TO UART CABLE Datasheet
Version 1.3
Document No.: FT_000430 Clearance No.: FTDI# 222
2.2
Features
Based on the single chip USB Hi-Speed
FT232H device
USB 2.0 Hi-Speed (480Mbits/Second) and
Full Speed (12Mbits/Second) compatible
Entire USB protocol handled on the chip –
No USB-specific firmware programming
required
USB Type A connector for direct connection
to USB host or hub
USB bus powered
Asynchronous UART transfer data rate up
to 12Mbaud
UART interface support for 7 or 8 data bits,
1 or 2 stop bits and odd / even / mark /
space / no parity
Fully assisted hardware or X-On / X-Off
software handshaking
1kByte receive and transmit buffers for
high data throughput
Transmit and receive LEDs
Adjustable receive buffer timeout
Support for USB suspend and resume
Low operating and USB suspend current
Low USB bandwidth consumption
UHCI / OHCI / EHCI host controller
compatible
-40°C to +85°C operating temperature
range
Cable length is 1.8m (6 feet)
Custom versions also available (subject to
Minimum Order Quantity (MOQ))
FTDI’s royalty-free VCP and D2XX drivers
eliminate the requirement for USB driver
development in most cases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com