Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF45P10 Datasheet(PDF) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF45P10
Description  P-Ch MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF45P10 Datasheet(HTML) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF45P10 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
WSF45P10
P-Ch MOSFET
Page 4
www.winsok.tw
Dec.2014
Typical Characteristics
Drain-Source On Resistance
Tj - Junction Temperature (°C)
-VSD - Source-Drain Voltage (V)
Source-Drain Diode Forward
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
0.1
1
10
100
T
j
=175
oC
T
j
=25
oC
-50 -25
0
25
50
75 100 125 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
R
ON
@T
j
=25
oC: 44m Ω
V
GS
=-10V
I
DS
=-20A
-VDS - Drain - Source Voltage (V)
Capacitance
Gate Charge
QG - Gate Charge (nC)
0
20
40
60
80
100 120 140 160
0
1
2
3
4
5
6
7
8
9
10
V
DS
= -80V
I
DS
= -20A
0
5
10
15
20
25
30
35
40
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
Frequency=1MHz
Crss
Coss
Ciss
11000
175



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com