Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF45P10 Datasheet(PDF) 6 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF45P10
Description  P-Ch MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF45P10 Datasheet(HTML) 6 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF45P10 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package Information
TO-2
52
WSF45P10
P-Ch MOSFET
Page 6
www.winsok.tw
Dec.2014
RECOMMENDED LAND PATTERN
UNIT: mm
GAUGE PLANE
L
VIEW A
SEATING PLANE
E
e
b3
A
SEE VIEW A
c2
b
c
E1
Note : Follow JEDEC TO-252 .
S
B
Y
O
M
L
MIN.
MAX.
2.39
4.95
5.46
0.46
0.61
0.13
5.33
A
A1
b3
c
c2
D
D1
E
MILLIMETERS
b
0.50
0.89
2.29 BSC
TO-252
4.57
6.35
6.73
6.22
0.090 BSC
MIN.
MAX.
INCHES
0.094
0.020
0.035
0.195
0.215
0.018
0.024
0.210
0.180
0.250
0.265
2.18
0.245
0.086
0.005
E1
0.035
0.070
0.410
L3
H
L
e
9.40
0.90
0.46
0.89
1.78
10.41
0.370
0.035
0.018
0.040
L4
1.02
0.150
3.81
0.89
2.03
0.035
0.080
0
8°
0°
8°
0°
6.00
6.00
0.236
0.236
6.8 MIN.
3 MIN.
6.25 MIN.
6.6
1.5 MIN.
2.286
4.572
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com