Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF45P10 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF45P10
Description  P-Ch MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF45P10 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF45P10 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
WSF45P10
P-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
Electrical Characteristics (T
C=25°C Unless Otherwise Noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250
µA
-100
-
-
V
VDS=-100 V, VGS=0V
-
-
-1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
-10
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250
µA
-1
-2
-3
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
RDS(ON)*
Drain-Source On-state Resistance
VGS=-10V, IDS=-20A
-
44
55
m
Ω
Diode Characteristics
Diode Forward Voltage
ISD=-20A, VGS=0V
trr
VSD
Reverse Recovery Time
-
70
-0.8
-1.2
V
Qrr
Reverse Recovery Charge
ISD=-20A,dlSD/dt=-100A/
µ s
-
-
90
-
-
nC
ns
*
Drain-Source On-state Resistance
VGS=-4.5V, IDS=-20A
-
47
58.5
m
Ω
RDS(ON)*
Dynamic Characteristics
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
2
-
Ω
Ciss
Input Capacitance
-
5720
-
Coss
Output Capacitance
-
790
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=-20V,
Frequency=1.0MHz
-
450
-
pF
td(ON)
Turn-on Delay Time
-
30
Tr
Turn-on Rise Time
-
79
td(OFF)
Turn-off Delay Time
-
82
Tf
Turn-off Fall Time
VDD=-50V, RG = 6
Ω,
IDS =-20A, VGS=-10V,
-
69
ns
Gate Charge Characteristics
Qg
Total Gate Charge
-
125
Qgs
Gate-Source Charge
-
21
-
Qgd
Gate-Drain Charge
VDS=-80V,VGS=-10V,
IDS=-20A
-
45
-
nC
Note * : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com