Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF45P10 Datasheet(PDF) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF45P10
Description  P-Ch MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF45P10 Datasheet(HTML) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF45P10 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
WSF45P10
P-Ch MOSFET
Page 5
www.winsok.tw
Dec.2014
Typical Characteristics
Power Dissipation
Drain Current
0
20
40
60
80 100 120 140 160 180 200
0
20
40
60
80
100
120
140
T
C
=25
oC
0
20
40
60
80 100 120 140 160 180 200
0
5
10
15
20
25
30
35
40
45
T
C
=25
oC,V
G
=-10V
Tc -
Temperature (°C)
Case
Tc- Case Temperature (°C)
Safe Operation Area
-VDS - Drain - Source Voltage (V)
1
10
100
1000
0.1
1
10
100
1000
10ms
DC
T
C=25
oC
0.0001
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
Thermal Transient Impedance
Square Wave Pulse Duration sec
1
0.01
0.02
0.05
0.1
0.2
Duty = 0.5
Mounted on minimum pad
R
θJA : 62.5
oC/W
Single
0.1
1ms
100us



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com