Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF45P10 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF45P10
Description  P-Ch MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF45P10 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF45P10 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF45P10 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BVDSS
RDSON
ID
-100V
44mΩ
-40A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
Inverters
TO-252 Pin Configuration
Product Summery
The WSF45P10 is the highest performance
trench P-Ch MOSFET with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the small power
switching and load switch applications.
The WSF45P10 meet the RoHS and
Green Product requirement with full
function reliability approved.
WSF45P10
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Common Ratings (TC=25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
-100
VGSS
Gate-Source Voltage
±20
V
TJ
Maximum Junction Temperature
175
°C
TSTG
Storage Temperature Range
-55 to 175
°C
IS
Diode Continuous Forward Current
TC=25°C
-40
A
Mounted on Large Heat Sink
IDM
Pulsed Drain Current *
-120**
A
TC=25°C
-40
ID
Continuous Drain Current
TC=100°C
-26
A
TC=25°C
136
PD
Maximum Power Dissipation
TC=100°C
68
W
RθJC
Thermal Resistance-Junction to Case
1.1
RθJA
Thermal Resistance-Junction to Ambient
62.5
°C/W
Avalanche Ratings
EAS
Avalanche Energy, Single Pulsed
L=0.5mH
308***
mJ
Note:
** Drain current is limited by junction temperature
*** VD=-80V
* Repetitive rating ; pulse width limiited by junction temperatur


Similar Part No. - WSF45P10

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF45P06 WIINSOK-WSF45P06 Datasheet
871Kb / 5P
P-Ch MOSFET
More results

Similar Description - WSF45P10

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com