Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC48F3P0VTQ0 Datasheet(PDF) 74 Page - Intel Corporation

Part # PC48F3P0VTQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 Datasheet(HTML) 74 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 70Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 71Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 72Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 73Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 74Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 75Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 76Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 77Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
74
Order Number: 306666, Revision: 001
The device programs the 64-bit and 128-bit user-programmable Protection Register data 16 bits at
a time (see Figure 47, “Protection Register Programming Flowchart” on page 92). Issuing the
Program Protection Register command outside of the Protection Register’s address space causes a
program error (SR[4] set). Attempting to program a locked Protection Register causes a program
error (SR[4] set) and a lock error (SR[1] set).
13.3.3
Locking the Protection Registers
Each Protection Register can be locked by programming its respective lock bit in the Lock
Register. To lock a Protection Register, program the corresponding bit in the Lock Register by
issuing the Program Lock Register command, followed by the desired Lock Register data (see
Section 9.2, “Device Commands” on page 50). The physical addresses of the Lock Registers are
0x80 for register 0 and 0x89 for register 1. These addresses are used when programming the lock
registers (see Table 29, “Device Identifier Information” on page 77).
Bit 0 of Lock Register 0 is already programmed at the factory, locking the lower, pre-programmed
64-bit region of the first 128-bit Protection Register containing the unique identification number of
the device. Bit 1 of Lock Register 0 can be programmed by the user to lock the user-programmable,
64-bit region of the first 128-bit Protection Register. When programming Bit 1 of Lock Register 0,
all other bits need to be left as ‘1’ such that the data programmed is 0xFFFD.
Lock Register 1 controls the locking of the upper sixteen 128-bit Protection Registers. Each of the
16 bits of Lock Register 1 correspond to each of the upper sixteen 128-bit Protection Registers.
Programming a bit in Lock Register 1 locks the corresponding 128-bit Protection Register.
Caution:
After being locked, the Protection Registers cannot be unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com