Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC48F3P0VTQ0 Datasheet(PDF) 22 Page - Intel Corporation

Part # PC48F3P0VTQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 Datasheet(HTML) 22 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 18Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 19Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 20Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 21Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 22Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 23Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 24Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 25Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
22
Order Number: 306666, Revision: 001
4.3
SCSP Configurations
WP#
Input
WRITE PROTECT: Active low input. WP# low enables the lock-down mechanism. Blocks in lock-
down cannot be unlocked with the Unlock command. WP# high overrides the lock-down function
enabling blocks to be erased or programmed using software commands.
VPP
Power/
lnput
Erase and Program Power: A valid voltage on this pin allows erasing or programming. Memory
contents cannot be altered when VPP ≤ VPPLK. Block erase and program at invalid VPP voltages
should not be attempted.
Set VPP = VCC for in-system program and erase operations. To accommodate resistor or diode drops
from the system supply, the VIH level of VPP can be as low as VPPL min. VPP must remain above VPPL
min to perform in-system flash modification. VPP may be 0 V during read operations.
VPPH can be applied to main blocks for 1000 cycles maximum and to parameter blocks for 2500
cycles. VPP can be connected to 9 V for a cumulative total not to exceed 80 hours. Extended use of
this pin at 9 V may reduce block cycling capability.
VCC
Power
Device Core Power Supply: Core (logic) source voltage. Writes to the flash array are inhibited when
VCC ≤ VLKO. Operations at invalid VCC voltages should not be attempted.
VCCQ
Power
Output Power Supply: Output-driver source voltage.
VSS
Power
Ground: Connect to system ground. Do not float any VSS connection.
RFU
—
Reserved for Future Use: Reserved by Intel for future device functionality and enhancement. These
should be treated in the same way as a Do Not Use (DU) signal.
DU
—
Do Not Use: Do not connect to any other signal, or power supply; must be left floating.
NC
—
No Connect: No internal connection; can be driven or floated.
Table 4.
QUAD+ SCSP Signal Descriptions (Sheet 2 of 2)
Symbol
Type
Name and Function
Table 5.
Stacked Easy BGA Chip Select Logic
Stack Combination
Selected Flash
Die #1
Selected Flash
Die #2
1-die
F1-CE#
-
2-die
F1-CE# + A25 (VIL)
F1-CE# + A25 (VIH)
Table 6.
QUAD+ SCSP Chip Select Logic
Stack
Combination
Selected Flash
Die #1
Selected Flash
Die #2
Selected Flash
Die #3
Selected Flash
Die #4
1-die
F1-CE#
-
-
-
2-die
F1-CE# + A24 (VIL)
F1-CE# + A24 (VIH)-
-
4-die
F1-CE# + A24 (VIL)
F1-CE# + A24 (VIH)
F2-CE# + A24 (VIL)
F2-CE# + A24 (VIH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com