Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC48F3P0VTQ0 Datasheet(PDF) 47 Page - Intel Corporation

Part # PC48F3P0VTQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 Datasheet(HTML) 47 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 43Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 44Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 45Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 46Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 47Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 48Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 49Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 50Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
47
8.3
Power Supply Decoupling
Flash memory devices require careful power supply de-coupling. Three basic power supply current
considerations are: 1) standby current levels; 2) active current levels; and 3) transient peaks
produced when CE# and OE# are asserted and deasserted.
When the device is accessed, many internal conditions change. Circuits within the device enable
charge-pumps, and internal logic states change at high speed. All of these internal activities
produce transient signals. Transient current magnitudes depend on the device outputs’ capacitive
and inductive loading. Two-line control and correct de-coupling capacitor selection suppress
transient voltage peaks.
Because Intel
® Multi-Level Cell (MLC) flash memory devices draw their power from VCC, VPP,
and VCCQ, each power connection should have a 0.1 µF ceramic capacitor to ground. High-
frequency, inherently low-inductance capacitors should be placed as close as possible to package
leads.
Additionally, for every eight devices used in the system, a 4.7 µF electrolytic capacitor should be
placed between power and ground close to the devices. The bulk capacitor is meant to overcome
voltage droop caused by PCB trace inductance.
Figure 27.
Reset Operation Waveforms
(A) Reset during
read mode
(B) Reset during
program or block erase
P1
≤ P2
(C) Reset during
program or block erase
P1
≥ P2
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
RST# [P]
RST# [P]
RST# [P]
Abort
Complete
Abort
Complete
V
CC
0V
V
CC
(D) VCC Power-up to
RST# high
P1
R5
P2
P3
P2
R5
R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com