Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC48F3P0VTQ0 Datasheet(PDF) 46 Page - Intel Corporation

Part # PC48F3P0VTQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 Datasheet(HTML) 46 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 42Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 43Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 44Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 45Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 46Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 47Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 48Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 49Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
46
Order Number: 306666, Revision: 001
8.0
Power and Reset Specifications
8.1
Power Up and Down
Power supply sequencing is not required if VCC, VCCQ, and VPP are connected together; If
VCCQ and/or VPP are not connected to the VCC supply, then VCC should attain VCCMIN before
applying VCCQ and VPP. Device inputs should not be driven before supply voltage equals VCCMIN.
Power supply transitions should only occur when RST# is low. This protects the device from
accidental programming or erasure during power transitions.
8.2
Reset Specifications
Asserting RST# during a system reset is important with automated program/erase devices because
systems typically expect to read from flash memory when coming out of reset. If a CPU reset
occurs without a flash memory reset, proper CPU initialization may not occur. This is because the
flash memory may be providing status information, instead of array data as expected. Connect
RST# to the same active low reset signal used for CPU initialization.
Also, because the device is disabled when RST# is asserted, it ignores its control inputs during
power-up/down. Invalid bus conditions are masked, providing a level of memory protection.
Num Symbol
Parameter
Min
Max
Unit
Notes
P1
tPLPH
RST# pulse width low
100
-
ns
1,2,3,4
P2
tPLRH
RST# low to device reset during erase
-
25
µs
1,3,4,7
RST# low to device reset during program
-
25
1,3,4,7
P3
tVCCPH
VCC Power valid to RST# de-assertion (high)
60
-
1,4,5,6
Notes:
1.
These specifications are valid for all device versions (packages and speeds).
2.
The device may reset if tPLPH is < tPLPH MIN, but this is not guaranteed.
3.
Not applicable if RST# is tied to Vcc.
4.
Sampled, but not 100% tested.
5.
If RST# is tied to the VCC supply, device will not be ready until tVCCPH after VCC ≥ VCCMIN.
6.
If RST# is tied to any supply/signal with VCCQ voltage levels, the RST# input voltage must not exceed
VCC until VCC ≥ VCCMIN.
7.
Reset completes within tPLPH if RST# is asserted while no erase or program operation is executing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com