Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC48F3P0VTQ0 Datasheet(PDF) 48 Page - Intel Corporation

Part # PC48F3P0VTQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 Datasheet(HTML) 48 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 44Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 45Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 46Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 47Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 48Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 49Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 50Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 51Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
48
Order Number: 306666, Revision: 001
9.0
Device Operations
This section provides an overview of device operations. The system CPU provides control of all in-
system read, write, and erase operations of the device via the system bus. The on-chip Write State
Machine (WSM) manages all block-erase and word-program algorithms.
Device commands are written to the Command User Interface (CUI) to control all flash memory
device operations. The CUI does not occupy an addressable memory location; it is the mechanism
through which the flash device is controlled.
9.1
Bus Operations
CE# low and RST# high enable device read operations. The device internally decodes upper
address inputs to determine the accessed block. ADV# low opens the internal address latches. OE#
low activates the outputs and gates selected data onto the I/O bus.
In asynchronous mode, the address is latched when ADV# goes high or continuously flows through
if ADV# is held low. In synchronous mode, the address is latched by the first of either the rising
ADV# edge or the next valid CLK edge with ADV# low (WE# and RST# must be VIH; CE# must
be VIL).
Bus cycles to/from the P30 device conform to standard microprocessor bus operations. Table 19
summarizes the bus operations and the logic levels that must be applied to the device control signal
inputs.
9.1.1
Reads
To perform a read operation, RST# and WE# must be deasserted while CE# and OE# are asserted.
CE# is the device-select control. When asserted, it enables the flash memory device. OE# is the
data-output control. When asserted, the addressed flash memory data is driven onto the I/O bus.
See Section 10.0, “Read Operations” on page 53 for details on the available read modes, and see
Section 14.0, “Special Read States” on page 75 for details regarding the available read states.
Table 19.
Bus Operations Summary
Bus Operation
RST#
CLK
ADV#
CE#
OE#
WE#
WAIT
DQ[15:0]
Notes
Read
Asynchronous
VIH
X
L
L
L
H
Deasserted
Output
Synchronous
VIH
Running
L
L
L
H
Driven
Output
Write
VIH
X
L
L
H
L
High-Z
Input
1
Output Disable
VIH
X
X
L
H
H
High-Z
High-Z
2
Standby
VIH
X
X
H
X
X
High-Z
High-Z
2
Reset
VIL
X
X
X
X
X
High-Z
High-Z
2,3
Notes:
1.
Refer to the Table 20, “Command Bus Cycles” on page 50 for valid DQ[15:0] during a write operation.
2.
X = Don’t Care (H or L).
3.
RST# must be at VSS ± 0.2 V to meet the maximum specified power-down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com