Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-121-R-L11-MPE Datasheet(PDF) 3 Page - Luminus, Inc

Part # PT-121-R-L11-MPE
Description  Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-121-R-L11-MPE Datasheet(HTML) 3 Page - Luminus, Inc

  PT-121-R-L11-MPE Datasheet HTML 1Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 2Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 3Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 4Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 5Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 6Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 7Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 8Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ordering Information
3
PDS-002060 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
11145 Sonora Court • Sunnyvale, CA 94086 USA
Ordering Part Number1
Color
Min Flux Bin2
Description
PT-121-R-L11-MPE
Red
(Discon-
tinued)
5C
Red LED, consisting of a 12 mm2 LED chip (4:3 aspect ratio), thermistor and
connector mounted on a copper-core PCB. Common anode configuration)
Discontinued
PT-121-R-L11-MPF
5D
PT-121-R-L11-MPG
5E
PT-121-RA-L11-MPF
Red
Amber
(Discon-
tinued)
5D
Red-Amber LED, consisting of a 12 mm2 LED chip (4:3 aspect ratio),
thermistor and connector mounted on a copper-core PCB. (Common
anode configuration)
Discontinued
PT-121-RA-L11-MPG
5E
PT-121-RA-L11-MPH
5F
PT-121-RA-L11-MPJ
5G
PT-121-RAX-L15-MPH
RAX
5H
Red-Amber LED, consisting of a 12 mm2 LED chip (4:3 aspect ratio),
thermistor and connector mounted on a copper-core PCB. ( Common
cathode configuration ; reverse polarity pin out)
PT-121-RAX-L15-MPJ
5J
PT-121-RAX-L15-MPK
5K
PT-121-G-L11-MPK
Green
5J
Green LED, consisting of a 12 mm2 LED chip (4:3 aspect ratio), thermistor
and connector mounted on a copper-core PCB.
PT-121-G-L11-MPL
5K
PT-121-G-L11-MPM
5L
PT-121-G-L11-MPN
5M
PT-121-B-L11-EPDnnn
Blue
5F
Blue LED, consisting of a 12 mm2 LED chip (4:3 aspect ratio), thermistor and
connector mounted on a copper-core PCB (nnn=DW bin - refer to table
below for definition).
PT-121-B-L11-EPEnnn
5G
PT-121-B-L11-EPFnnn
5H
Note 1: Ordering part numbers represent bin kits (group of bins that are shippable for a given ordering part number)
Note 2: See Bin Kit and Flux bin definitions on page 4.
PT-121-TE Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com