Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-121-R-L11-MPE Datasheet(PDF) 7 Page - Luminus, Inc

Part # PT-121-R-L11-MPE
Description  Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-121-R-L11-MPE Datasheet(HTML) 7 Page - Luminus, Inc

Back Button PT-121-R-L11-MPE Datasheet HTML 3Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 4Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 5Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 6Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 7Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 8Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 9Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 10Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 11Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Optical & Electrical Characteristics
7
PDS-002060 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
11145 Sonora Court • Sunnyvale, CA 94086 USA
Note 1:
Product performance and lifetime data is specified at recommended forward drive currents. Sustained operation at or near absolute minimum currents may
result in a reduction of device performance and device lifetime compared to recommended foward drive currents.
Note 2:
Maximum forward drive current conditions for continuous operation are 27 A, CW (2.2 A/mm2), and 36A, f>240 Hz, duty cycle <70% ( 3.0 A/mm2). Sustained
operation above maximum currents is not recommended and will result in a reduction of device lifetime compared to specified maximum forward drive
currents. Device lifetimes will depend on junction temperature. (See Reliability Application Note, APN-001444 for product lifetimes as function of junction
temperature.) Please refer to lifetime de-rating curves (available from Luminus ) for further information.
Note 3:
In pulsed operation, rise time from 10 to 90% of forward current should be larger than 0.5 microseconds.
Note 4:
Sustained operation at Absolute Maximum Operating Junction Temperature (T
jmax) will result in reduced device life time.
Symbol
Red
Red -
Amber
RAX
Green
Blue
Unit
Absolute Minimum Current (CW or Pulsed)1
200
200
200
200
200
mA
Absolute Maximum Current (CW) 2
27
27
27
27
27
A
Absolute Maximum Current (Pulsed) 2,3
(Frequency > 240 Hz, duty cycle <70%)
36
36
36
36
36
A
Absolute Maximum Surge Current 2,3
(Frequency > 240 Hz, duty cycle =10%, t=1ms)
42
42
42
42
42
A
Maximum Operating Junction Temperature 4
100
100
100
140
130
o
C
Absolute Maximum Junction Temperature 4
T
jmax
125
125
125
170
170
o
C
Storage Temperature Range
-40 / +100
-40 / +100
-40 / +100
-40 / +100
-40 / +100
o
C
Absolute Maximum Ratings
Note 1:
All ratings are based on testing conditions with a constant heat sink temperature T
hs = 40ºC. See Thermal Resistance section for Ths definition.
Note 2:
Parameters rated at test duty cycle and Pulsed operation frequency f>240 Hz;
Note 3:
Duty Cycle used to specify device ratings under Pulsed operation. Big Chip LED devices can operate at duty cycles ranging from 1% to 100%. At higher duty
cycles, drive current should be adjusted to maintain the junction temperature at desired levels to meet the application lifetime requirements.
Note 4:
In pulsed operation, rise time from 10 to 90% of forward current should be larger than 0.5 microseconds
Note 5:
For Blue devices, total flux from emitting area at typical dominant wavelength. Refer to page 7 for brightness specifications at other wavelength
Note 6:
CIE 1931 chromaticity diagram coordinates, normalized to X+Y+Z=1
Note 7:
For reference only
DC
t
T
---
=
T
t
PT-121-TE Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com