Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-121-R-L11-MPE Datasheet(PDF) 1 Page - Luminus, Inc

Part # PT-121-R-L11-MPE
Description  Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-121-R-L11-MPE Datasheet(HTML) 1 Page - Luminus, Inc

  PT-121-R-L11-MPE Datasheet HTML 1Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 2Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 3Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 4Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 5Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 6Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 7Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 8Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
PDS-002060 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
11145 Sonora Court • Sunnyvale, CA 94086 USA
Table of Contents
Technology Overview .......... 2
Understanding Luminus Test
Specifications.................. 2
Ordering Information .......... 3
Blue DWL Bin Definition ........ 4
Flux /Power Bin Definition ...... 5
Optical & Electrical
Characteristics ............... 6-7
Blue Flux Bin Ranges by
Wavelength ................... 8
Characterization Curves ........ 9
Spectrum and Angular
Intensity Distribution.......... 10
Thermal Resistance ........... 11
Mechanical Dimensions ....12-13
Shipping Tray Outline ......... 14
Packing and Shipping
Specifications ................ 15
History of Changes ............ 16
Features:
• Matched RGB Chipset with 12 mm2 emitting area designed for projection
applications
• 4:3 aspect ratio matched with micro-display and screen aspect ratio
• Ultra low thermal resistance package enables high performance applications
[operation up to 36 A (3 A/mm2)]
• Wide color gamut: Red-Amber 613 nm, Green 525 nm, Blue 460 nm typical dominant
wavelength
• Single emitting area per color allows for collection with single lens for simplified
optics
• High precision LED placement on copper core PCB for easier thermal management
and optical integration
• Environmentally friendly: RoHS and REACH compliant
Applications
• Data front projectors and professional Rear-Projection Displays with 4:3
aspect ratio
• Optimized for Micro-Display diagonal sizes ranging from 0.7”to 0.96”with 4:3
aspect ratio
• Suitable for DLP™ (0.7”XGA, 0.96SXGA), LCoS, HTPS and 3LCD microdisplays
Luminus PT-121-TE
Thermally Enhanced
LED Projection Chipset
PT-121-TE Product Datasheet


Similar Part No. - PT-121-R-L11-MPE

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
PT-120-B-L11-EPD LUMINUS-PT-120-B-L11-EPD Datasheet
1Mb / 16P
Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-B-L11-EPE LUMINUS-PT-120-B-L11-EPE Datasheet
1Mb / 16P
Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-B-L11-EPF LUMINUS-PT-120-B-L11-EPF Datasheet
1Mb / 16P
Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-B-L11-EPG LUMINUS-PT-120-B-L11-EPG Datasheet
1Mb / 16P
Luminus LED Thermally Enhanced LED Projection Chipset
PT-120-G-L11-MPK LUMINUS-PT-120-G-L11-MPK Datasheet
1Mb / 16P
Luminus LED Thermally Enhanced LED Projection Chipset
More results

Similar Description - PT-121-R-L11-MPE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82C431 ETC1-82C431 Datasheet
4Mb / 79P
ENHANCED GRAPHICS CHIPSET-TM
logo
Seoul Semiconductor
STW8B12B SEOUL-STW8B12B Datasheet
871Kb / 30P
Thermally Enhanced Package Design
STW8B12B-NZ SEOUL-STW8B12B-NZ Datasheet
812Kb / 24P
Thermally Enhanced Package Design
STW8B12G SEOUL-STW8B12G Datasheet
911Kb / 29P
Thermally Enhanced Package Design
STW9B12G SEOUL-STW9B12G Datasheet
718Kb / 24P
Thermally Enhanced Package Design
logo
Luminus, Inc
CBT-90TE LUMINUS-CBT-90TE Datasheet
1Mb / 15P
Thermally Enhanced LED Chipset
PT39-TE LUMINUS-PT39-TE Datasheet
1Mb / 15P
LEDs Thermally Enhanced
PT-40-TE LUMINUS-PT-40-TE Datasheet
2Mb / 14P
Thermally Enhanced LED Projection Chipset
PT-54-TE LUMINUS-PT-54-TE Datasheet
2Mb / 15P
Thermally Enhanced LED Projection Chipset
PT-120-TE LUMINUS-PT-120-TE Datasheet
1Mb / 16P
Luminus LED Thermally Enhanced LED Projection Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com