Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-121-R-L11-MPE Datasheet(PDF) 2 Page - Luminus, Inc

Part # PT-121-R-L11-MPE
Description  Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-121-R-L11-MPE Datasheet(HTML) 2 Page - Luminus, Inc

  PT-121-R-L11-MPE Datasheet HTML 1Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 2Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 3Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 4Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 5Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 6Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 7Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 8Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Understanding Luminus LED Test Specifications
Every Luminus LED is extensively tested at full current to ensure that it meets the high quality standards expected from Luminus’
products.
Technology Overview
Luminus Devices’Projection Technology (PT) is an innovative solid-state light source created to replace arc lamps in projection systems,
enabling a new category of lamp-free projectors. Enabled by Luminus technology, our LED chipsets represent a major breakthrough in
brightness that delivers all the benefits of solid state light sources in projections applications, including wide color gamut for vivid
colors, exceeds NTSC, Environmentally friendly technology (Mercury-free), instant start and re-start with no more wait time, high
reliability; no more lamp replacement , and electronic control of color points and light intensity on a frame by frame basis. Luminus LED
products benefit from numerous innovations in the domain of packaging, thermal management and optical coupling that allow
designers to achieve efficient light engine designs and deliver high screen brightness.
Testing of Luminus LEDs
Luminus core board products are typically measured in such a
way that the characteristics reported agree with how the
devices will actually perform when incorporated into a system.
This measurement is accomplished by mounting the devices on
a 40ºC heat sink and allowing the device to reach thermal
equilibrium while fully powered. Only after the device reaches
equilibrium are the measurements taken. This method of
measurement ensures that Luminus LEDs perform in the field
just as they are specified.
Expected flux values in real world operation can be extrapolated
based on the information contained within this product data
sheet.
PackagingTechnology
Thermal management is critical in high power LED applications.
With a thermal resistance from junction to case of 0.4º C/W,
Luminus PT-121 LEDs can be driven at higher current densities
while maintaining a low junction temperature, thereby resulting
in brighter solutions and longer lifetimes.
Reliability
For high power operation, Luminus LEDs are one of the most
reliable light sources in the world today. Luminus LEDs have
passed a rigorous suite of environmental and mechanical stress
tests, including mechanical shock, vibration, temperature
cycling and humidity, and have been fully qualified for use in
extreme high power and high current applications. With very
low failure rates and median lifetimes that typically exceed
60,000 hours, Luminus LEDs are ready for even the most
demanding applications. (Please refer to Luminus’ Reliability
application note for more information.)
Environmental Benefits
Luminus LEDs help reduce power consumption and the
amount of hazardous waste entering the environment. All
Luminus LED products are RoHS and REACH compliant and free
of hazardous materials, including lead and mercury.
2
PDS-002060 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
11145 Sonora Court • Sunnyvale, CA 94086 USA
PT-121-TE Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com