Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-121-R-L11-MPE Datasheet(PDF) 9 Page - Luminus, Inc

Part # PT-121-R-L11-MPE
Description  Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-121-R-L11-MPE Datasheet(HTML) 9 Page - Luminus, Inc

Back Button PT-121-R-L11-MPE Datasheet HTML 5Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 6Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 7Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 8Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 9Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 10Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 11Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 12Page - Luminus, Inc PT-121-R-L11-MPE Datasheet HTML 13Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Compact SBT-16 Product Datasheet
9
PDS-002060 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
11145 Sonora Court • Sunnyvale, CA 94086 USA
PT-121-TE Product Datasheet
Normalized Luminous Flux variation with Forward Current: Φ
v (IF) / Φv (30A)
See notes 1, 2 on page 9.
Dominant Wavelength variation with Forward Current - λ
d = f(IF) - Typical
See notes 1, 2 on page 9.
Forward Voltage variation with Drive current - V
F = f(IF) - Typical
See notes 1, 2 on page 9.
1.0 
1.5 
2.0 
2.5 
3.0 
5 
10 
15 
20 
25 
30 
35 
IF  (A) 
2.0 
2.5 
3.0 
3.5 
4.0 
4.5 
5.0 
5.5 
5 
10 
15 
20 
25 
30 
35 
IF  (A) 
2.0 
2.5 
3.0 
3.5 
4.0 
4.5 
5 
10 
15 
20 
25 
30 
35 
IF  (A) 
612.0 
612.2 
612.4 
612.6 
612.8 
613.0 
613.2 
613.4 
5 
10 
15 
20 
25 
30 
35 
IF  (A) 
524 
525 
526 
527 
528 
529 
530 
531 
5 
10 
15 
20 
25 
30 
35 
IF  (A) 
459.6 
459.8 
460.0 
460.2 
460.4 
460.6 
460.8 
461.0 
461.2 
461.4 
5 
10 
15 
20 
25 
30 
35 
IF  (A) 
0% 
20% 
40% 
60% 
80% 
100% 
120% 
140% 
5 
10 
15 
20 
25 
30 
35 
IF  (A) 
RA and R 
0% 
20% 
40% 
60% 
80% 
100% 
120% 
140% 
5 
10 
15 
20 
25 
30 
35 
IF  (A) 
Green 
0%
20%
40%
60%
80%
100%
120%
140%
5101520253035
I
F (A)
Luminous Flux
Radiometric Flux
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com