Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M62021
Description  SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62021 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M62021 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(
/ 9 )
ELECTRIC
MITSUBISHI
M62021L,P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
4
Pin No.
Symbol
Name
Function
1
VOUT
Power supply output
VIN and VBAT are controlled by means of an internal switch and output
through VOUT
The pin is capable of outputting up to 100mA.Use it as VDD of CMOS RAM
and the like
2
VBAT
Backup power supply input
Backup power supply is connected to this pin
If a lithium battery is used,insert a resistor in series for safety purposes
3
VIN
Power supply input
+5V input pin.Connect to a logic power supply.
4
Ct
Delay capacitor connection pin
A delay capacitor is connected to this pin.By connecting a capacitor,it is
possible to delay each output
5
6
7
8
RES
GND
RES
CS
Positive reset output
Ground
Negative reset output
Chip select output
Reference for all signals
Connect to the positive reset input of a microcomputer.The pin is capable
of flowing 1mA sink current
Connect to the negative reset input of a microcomputer.The pin is capable
of flowing 1mA sink current
Connect to the chip select of RAM.The CS output is at low level in normal
state thereby letting RAM be active.Under failure or backup condition,the CS
output is set to high level,then RAM enters standby state disabling read/write
function.The pin is capable of flowing a 1mA sink current
EXPLANATION OF TERMINALS
APPLICATION EXAMPLE
+
-
8
4
6
GND
RESET
CIRCUIT
DELAY
CIRCUIT
RES
RES
Com
1.24V
R1
R2
D1
3
7
5
2
1
M62021
VOUT
VBAT
CS
Ct
VIN
CPU
CMOS
RAM
VDD
VIN
CONT
BATTERY
3V
CIN
VDD
+5V
(MAIN POWER SUPPLY)
*Capacitance to be connected:CIN:10µF;COUT:4.7µF;Ct:4.7µF
*If connecting a zener diode,select one of VZ=2~3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com