Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62021
Description  SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62021 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62021 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
(
/ 9 )
ELECTRIC
MITSUBISHI
M62021L,P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
2
V
mW
/°C
ELECTRICAL CHARACTERISTICS(Ta=25°C, unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
4.4
ABSOLUTE MAXIMUM RATINGS(Ta=25°C, unless otherwise noted)
Symbol
Ratings
Unit
Input voltage
7
Pd
Topr
Power dissipation
-40 ~ +125
V
Output current
Operating temperature
VIN
Tstg
Storage temperature
-20 ~ +75
100
4.2
Detection voltage
4.6
Parameter
°C
°C
Conditions
IOUT
K
Thermal derating
(Ta
≥25°C)
800(SIP)/625(DIP)/440(FP)
mA
mW
mV
100
0.25
mA
ICC
Circuit current
VDROP
Difference between input and output voltage
0.125
7.5
2.0
4.0
12.0
Vs
∆Vs
Hysteresis voltage
∆Vs=VSH-VSL
IOUT=0mA
V
8(SIP)/6.25(DIP)/4.4(FP)
VIN(At the change from H
L)
50
200
%/°C
0.005
Vs/
∆T Temperature coefficient of detection voltage
VIN=4V
VIN=5V
VIN=5V
IOUT=50mA
IOUT=80mA
5.0
V
4.5
Ct output voltage (high level)
0.02
VOH(Ct)
0.1
0.05
VOL(Ct)
VOH(RES)
Ct output voltage (low level)
RES output voltage (high level)
VIN=5V(Note1)
VIN=4V(Note1)
VIN=5V(Note1)
5.0
4.5
V
RES output voltage (low level)
VOL(RES)
VIN=4V
VOH(CS)
VOL(CS)
IR
VF
tpd
td
VOPL(RES)
CS output voltage (high level)
CS output voltage (low level)
VIN=5V
VIN=4V
VIN=0V,VBAT=3V
VBAT=3V
VIN=5V
VIN=0V
(Note1)
Backup Di leak current
Backup Di forward direction voltage
Delay time
Response time
RES limit voltage of operation
IF=10µA
VIN=0V
5V,Ct=4.7µF
VIN=5V
4V
(Note 3)
(Note2)
(Note2)
ISINK=1mA
V
µA
V
V
ms
µs
V
0.02
0.05
2.40
2.47
0.08
0.1
0.3
4.0
VOH(RES) RES output voltage (high level)
VIN=4V(Note1)
V
RES output voltage (low level)
VOL(RES)
VIN=5V
0.02
0.2
0.4
3.5
0.2
0.2
3.50
3.57
±0.5
±0.5
0.54
0.6
10
27
55
5.0
25.0
0.65
Note 1.Regarding conditions to measure VOH and VOL,voltage values are to be generated by internal resistance only and no external resistor is used.
2.These values are produced inserting an external resistor,RCS=1M
Ω,between the CS pin and GND.
3.With no external resistor (10k
Ω internal resistance only)
V
V
V
(Note1)
ISINK=1mA
(Note1)
ISINK=1mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com