Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M62021
Description  SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62021 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  M62021 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(
/ 9 )
ELECTRIC
MITSUBISHI
M62021L,P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
OUTPUT CURRENT VS.
DIFFERENCE BETWEEN INPUT AND OUTPUT
VOLTAGES
DIFFERENCE BETWEEN INPUT
AND OUTPUT VOLTAGES VDROP(mV)
DIFFERENCE BETWEEN INPUT AND OUTPUT
VOLTAGES VS.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE Ta(°C)
BACKUP Di FORWARD DIRECTION VOLTAGE VF(V)
0
RES"L"OUTPUT VOLTAGE VS.
AMBIENT TEMPERATURE
0
-40 -20
0
20 40 60 80 100
BACKUP Di FORWARD DIRECTION
CURRENT VS. VOLTAGE
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
0
20
40
60
80
0
50
100
150
200
100
250
120
400
350
300
250
200
150
100
50
0
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
BACKUP Di FORWARD DIRECTION
VOLTAGE VS. AMBIENT TEMPERATURE
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
10
20
30
40
50
60
70
80
0
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
10
20
30
40
50
60
70
80
0.8
0
20
40
60
80
100
120
140
160
RES "L"OUTPUT VOLTAGE VS.
AMBIENT TEMPERATURE
VIN=5V
IOUT=100mA
IOUT=80mA
IOUT=50mA
VIN=5V
IF=100µA
IF=10µA
IF=1µA
VIN=4V
ISINK=1mA
VIN=5V
ISINK=1mA
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com