Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M62021
Description  SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62021 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M62021 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(
/ 9 )
ELECTRIC
MITSUBISHI
M62021L,P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
TYPICAL CHARACTERISTICS
THERMAL DERATING
(MAXIMUM RATING)
0
200
400
600
800
0
25
50
75
100
125
AMBIENT TEMPERATURE Ta(°C)
1000
DETECTION VOLTAGE VS.
AMBIENT TEMPERATURE
-40
0
20 40
80 100
AMBIENT TEMPERATURE Ta(°C)
INTERRUPTION OUTPUT VOLTAGE VS.
SUPPLY VOLTAGE
60
70
80
90
100
110
CIRCUIT CURRENT VS.
AMBIENT TEMPERATURE
CIRCUIT CURRENT VS.
INPUT VOLTAGE
2
4
6
8
0
1
2
3
4
INPUT VOLTAGE Vcc(V)
0
10
12
14
16
5
6
7
8
-20
60
120
4.48
4.46
4.44
4.42
4.40
4.38
4.36
4.34
4.32
120
130
140
-40
0
20 40
80 100
AMBIENT TEMPERATURE Ta(°C)
-20
60
120
-40
0
20 40
80 100
AMBIENT TEMPERATURE Ta(°C)
-20
60
120
-40
0
20 40
80 100
AMBIENT TEMPERATURE Ta(°C)
-20
60
120
CIRCUIT CURRENT VS.
AMBIENT TEMPERATURE
2
3
4
5
6
7
8
9
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
7
VIN=4V
VIN=5V
M62021L
M62021P
M62021FP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com