Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62021 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62021
Description  SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62021 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62021 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
(
/ 9 )
ELECTRIC
MITSUBISHI
M62021L,P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
5
CONFIGURATION
<Power supply detector>
The internal reference voltage Vref is compared by means of
a comparator with resistor-divided voltage VR(resistor-divided
voltage produced by R1 and R2 from VIN).
If the input voltage is 5V,VR is set to 1.24V or higher,so the
comparator output is at low level and the Ct output(Q1
collector output)is set to high level.If the input voltage drops to
below 4.4V in an abnormal condition,VR becomes below
1.24V,so the comparator output goes from low to high level
and the Ct output,from high to low.The input voltage at this
point is called VSL.Next,when the input voltage,restored from
abnormal state,has a rise,the comparator output goes from
high to low level and the Ct output,from low to high.
The comparator used for detection has 100mV
hysteresis(
∆Vs),so that malfunctioning is prevented in case
that the input voltage slowly drops or VR nearly equals Vref.
<Delay Circuit>
Connecting an external capacitor to the Ct pin lets
RES,RES,CS,and VOUT be delayed due to RC transient
phenomenon(electric charge).
Delay time is determined as follows.
Delay time(tpd)= Ct X (R3 + R4) X In
[VOH(Ct)-INV1(VTH)]
[VOH(Ct)-VOL(Ct)]
=Ct X 22k
Ω X 0.2614
3
=5.75 X 10 X Ct
*Ct is an external capacitance.
.
.
Taking into consideration the time taken by the oscillator of
microcomputer to be stable,connect a 4.7µF capacitor to the
Ct pin.
(As the response time of detection can be slowed due to
internal structure depending on the rising rate of power
supply,avoid connecting a too large capacitance.
<Schmitt trigger circuit>
Since waveforms show a gentle rise due to the RC delay
circuit,INV1,INV2,R5,and R6 constitute a schmitt trigger circuit
to produce hysteresis so as to prevent each output from
chattering.
INTERNAL CIRCUIT
5
4
3
2
1
0
4.0 4.2 4.4 4.6 4.8 5.0
INPUT VOLTAGE VIN(V)
VSL
VSH
∆Vs
tpd
VOH(Ct)
INV1(Vth)
VOL(Ct)
DELAYED OUTPUT WAVEFORMS OF Ct
1
2
8
6
7
5
3
4
Ct
VIN
RES
RES
VOUT
VBAT
CS
GND
R1
60.94k
Q5
D1
Q4
Q3
Com
Q1
INV8
INV9
INV3 INV4
INV5 INV6 INV7
R4
R5
R6
R3
R9
R10
5k
22k
R7
R8
R2
24K
Vref
1.24V
22k
47
10k
INV1 INV2
10k
10k
800
R10
R11
10k
Q2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com