Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 2Page - Texas Instruments OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments OPA607 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
(VS+) – (VS–)
Supply voltage, Vs
6
V
VIN+, VIN–
Input voltage
(VS–) – 0.5
(VS+) + 0.5
V
V PD
PD voltage
(VS–) – 0.5
6
V
VID
Differential input voltage(4)
±5
V
II
Continuous input current(2)
±10
mA
IO
Continuous output current(3)
±20
mA
Continuous power dissipation
See Thermal Information
TJ
Maximum junction temperature
150
°C
TA
Operating free-air temperature
–40
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails
should be current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
(4)
Long term drift of offset voltage (> 1mV) if a differential input in excess of ≈ 2V is applied continuously between the IN+ and IN- pins at
elevated temperatures.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage (VS+) – (VS–)
2.2
5.5
V
±1.1
±2.75
TA
Ambient operating temperature
–40
25
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
OPAx607
UNIT
D (SOIC)
DBV (SOT23)
DCK (SC70)
8 PINS
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
131.1
196.5
219.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
73.2
118.7
182.6
°C/W
RθJB
Junction-to-board thermal resistance
74.5
64.5
105.7
°C/W
ψJT
Junction-to-top characterization parameter
24.5
41.1
87
°C/W
ψJB
Junction-to-board characterization parameter
73.3
64.2
105.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com