Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 11Page - Texas Instruments OPA607 Datasheet HTML 12Page - Texas Instruments OPA607 Datasheet HTML 13Page - Texas Instruments OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
8 Detailed Description
8.1 Overview
The OPAx607 devices are low-noise, rail-to-rail output (RRO) operational amplifiers (op amp). The devices
operate from a supply voltage of 2.2 V to 5.5 V. The input common-mode voltage range also extends down to
the negative rail allowing the OPAx607 to be used in most single-supply applications. Rail-to-rail output swing
significantly increases dynamic range, especially in low-supply, voltage-range applications, which results in
complete usage of the full-scale range of the consecutive analog-to-digital converters (ADCs). The
decompensated architecture allows for a favorable tradeoff of low-quiescent current for a very-high gain-
bandwidth product (GBW) and low-distortion performance in high-gain applications.
8.2 Functional Block Diagram
Reference
Current
V+
V
IN+
V
INÛ
VÛ
(Ground)
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
7.5M
PD
PD block
NMOS input pair
for phase reversal
protection only
www.ti.com
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com