Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 14Page - Texas Instruments OPA607 Datasheet HTML 15Page - Texas Instruments OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
8.3.4 Decompensated Architecture with Wide Gain-Bandwidth Product
Amplifiers such as the OPAx607 devices are not unity-gain stable are referred to as decompensated amplifiers.
The decompensated architecture typically allows for higher GBW, higher slew rate, and lower noise compared to
a unity-gain stable amplifier with similar quiescent currents. The increased available bandwidth reduces the rise
time and the settling time of the op amp, allowing for sampling at faster rates in an ADC-based signal chain.
As shown in Figure 8-5, the dominant pole fd is moved to the frequency f1 in the case of a decompensated op
amp. The solid AOL plot is the open-loop gain plot of a traditional unity-gain stable op amp. The change in
internal compensation in a decompensated amp such as the OPAx607, increase the bandwidth for the same
amount of power. That is, the decompensated op amp has an increased bandwidth to power ratio when
compared to a unity-gain stable op amp of equivalent architecture. Besides the advantages in the above
mentioned parameters, an increased slew rate and a better distortion (HD2 and HD3) value is achieved because
of the higher available loop-gain, compared to its unity-gain counterpart. The most important factor to consider is
ensuring that the op amp is in a noise gain (NG) greater than Gmin. A value of NG lower than Gmin results in
instability, as shown in Figure 8-5, because the 1/ß curve intersects the AOL curve at 40 dB/decade. This method
of analyzing stability is called the rate of closure method. See the precision lab training videos from TI for a
better understanding on device stability and for different techniques of ensuring stability.
AOL
Gmin
Decompensated Op Amp
Unity Gain Stable Op Amp
´
¶d
´
¶1
´
¶u
´
¶2 ´
¶u
´
¶GBP
c
Figure 8-5. Gain vs Frequency Characteristics for a Unity-Gain Stable Op Amp and a Decompensated Op
Amp
The OPAx607 devices are stable in a noise gain of 6 V/V (15.56 dB) or higher in conventional gain circuits; see
Figure 8-6. The device has 9 MHz of small-signal bandwidth (SSBW) in this gain configuration with
approximately 65° of phase margin. The high GBW and low voltage noise of the OPAx607 devices make them
suitable for general-purpose, high-gain applications.
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com