Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments OPA607 Datasheet HTML 28Page - Texas Instruments OPA607 Datasheet HTML 29Page - Texas Instruments OPA607 Datasheet HTML 30Page - Texas Instruments OPA607 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
9.2.5 Ultrasonic Flow Meters
OPA607
OPA607
Figure 9-15. High-Gain Ultrasonic Front-End
9.2.5.1 Design Requirements
The OPAx607 devices have a wide operating voltage range of 2.2 V to 5.5 V with a maximum quiescent current
of 1 mA. The availability of the inbuilt shutdown function enables designers to power cycle the front-end signal
chain, reducing the net quiescent current even further. The minimum operating voltage range of 2.2 V proves to
be very suitable for battery-powered and power sensitive applications such as the ultrasonic-based flow meters.
The high-gain bandwidth of the OPAx607 devices enable the gain stages and the ADC drive stages to be
designed and combined, thereby reducing component count. A schematic similar to that of Figure 9-12 can be
used in ultrasonic flow meters for the front-end signal chain.
The Ultrasonic sensing subsystem reference design for gas flow measurement design guide has a detailed
design procedure for ultrasonic-based sensing for gas flow measurement. The OPAx607 devices are very
suitable op amps for the discrete front-end design described in this design guide.
10 Power Supply Recommendations
The OPAx607 devices are specified for operation from 2.2 V to 5.5 V (±1.1 V to ±2.75 V), applicable from –40°C
to +125°C. Place 0.1-µF bypass capacitors close to the power-supply pins to reduce errors coupling in from
noisy or high-impedance power supplies.
CAUTION
Supply voltages larger than 6 V can permanently damage the device (see Section 7.1).
For more detailed information on bypass capacitor placement, see Section 11.1.
www.ti.com
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com