Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA607 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA607 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments OPA607 Datasheet HTML 25Page - Texas Instruments OPA607 Datasheet HTML 26Page - Texas Instruments OPA607 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Frequency (Hz)
-30
-24
-18
-12
-6
0
6
12
18
1k
10k
100k
1M
10M
100M
Freq
Gain = 3 V/V with Noise Gain Shaping
Gain = 3 V/V without Noise Gain Shaping
Gain = 6 V/V
Figure 9-7. Small-Signal Frequency Response in
Gains of 3V/V (a) and 6V/V (b)
Frequency (Hz)
-30
-24
-18
-12
-6
0
6
12
18
24
30
1k
10k
100k
1M
10M
100M
OPA6
Without Noise Gain Shaping
With Noise Gain Shaping
Figure 9-8. Small-Signal Frequency Response of
Difference Amplifier (c) With and Without Noise
Gain Shaping
9.2.3 High-Input Impedance (Hi-Z), High-Gain Signal Front-End
+
±
+2.5V
9 NŸ
OPA607
2 NŸ
-2.5V
1.8 NŸ
300 Ÿ
SW
105 Ÿ
+
±
+2.5V
40 NŸ
OPA837
-2.5V
0.4 nF
0.4 nF
0.1
F
To ADC/FDA
Ultrasonic Sensor
100 NŸ
Figure 9-9. Hi-Z, High-Gain Front-End Circuit
9.2.3.1 Design Requirements
The objective is to design a high-input impedance, high-dynamic range, signal-conditioning front-end. An
example application for such a front-end circuit is the receive signal chain in an ultrasonic-based end equipment
(EE) such as fish finders, printers and flow meters. Table 9-2 lists the design requirements for this application.
Table 9-2. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Amplifier supply
±2.5 V
Input signal frequency
200 kHz
Minimum voltage
300 µVrms
Minimum SNR at 300 µVrms
40 dB
www.ti.com
OPA607, OPA2607
SBOS981F – OCTOBER 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA607 OPA2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com