Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CVB02 Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP47CVB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB02 Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP47CVB02 Datasheet HTML 44Page - Microchip Technology MCP47CVB02 Datasheet HTML 45Page - Microchip Technology MCP47CVB02 Datasheet HTML 46Page - Microchip Technology MCP47CVB02 Datasheet HTML 47Page - Microchip Technology MCP47CVB02 Datasheet HTML 48Page - Microchip Technology MCP47CVB02 Datasheet HTML 49Page - Microchip Technology MCP47CVB02 Datasheet HTML 50Page - Microchip Technology MCP47CVB02 Datasheet HTML 51Page - Microchip Technology MCP47CVB02 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 124 page
background image
MCP47CXBXX
DS20006089B-page 48
 2018-2019 Microchip Technology Inc.
Volatile memory determines the Analog Output (VOUT)
pin voltage. After the device is powered up, the user
can update the device memory.
When the rising VDD voltage crosses the VPOR trip
point, the following occur:
• The default DAC POR value is latched into the
Volatile DAC register.
• The default DAC POR Configuration bit values
are latched into the Volatile Configuration bits.
• POR status bit is set (‘1’).
• The Reset Delay Timer (tPORD) starts; when the
Reset Delay Timer (tPORD) times out, the I2C
serial interface is operational. During this delay
time, the I2C interface will not accept commands.
• The Device Memory Address Pointer is forced to 00h.
The Analog Output (VOUT) state is determined by the
state of the Volatile Configuration bits and the DAC
register. This is called a Power-on Reset (event).
Figure 4-1 illustrates the conditions for power-up and
power-down events under typical conditions.
FIGURE 4-1:
Power-on Reset Operation.
VPOR
TPORD2OD
VDD(MIN)
BOR Reset,
Volatile DAC Register = 000h
Volatile VRxB:VRxA = 00
VRAM
Volatile Gx = 0
Volatile PDxB:PDxA = 11
VBOR
POR starts Reset Delay Timer.
When timer times out, the I2C interface
can operate (if VDD  VDD(MIN)).
VDD(MIN)
TPOR2OD
VBOR
VPOR
VRAM
Case 1: VDD Ramp
Case 2: VDD Step
Volatile Memory
Retains Data Value
POR Reset
Force Active
Device in Unknown
Device
in POR
State
Normal Operation
State
Below Min.
Operating
Voltage
Device in
Power-
Down State
Device in
Unknown
State
Default device configuration
latched into Volatile Configuration
bits and DAC register.
POR status bit is set (‘1’).
Volatile Memory
becomes Corrupted
Volatile Memory
becomes Corrupted
Device in
Power-
Down State
Device in
Unknown
State
Normal Operation
Below Min.
Operating
Voltage
Device in Unknown
State
Device in
Known State
Volatile Memory
Retains Data Value
POR Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com