Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CVB02 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP47CVB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB02 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP47CVB02 Datasheet HTML 48Page - Microchip Technology MCP47CVB02 Datasheet HTML 49Page - Microchip Technology MCP47CVB02 Datasheet HTML 50Page - Microchip Technology MCP47CVB02 Datasheet HTML 51Page - Microchip Technology MCP47CVB02 Datasheet HTML 52Page - Microchip Technology MCP47CVB02 Datasheet HTML 53Page - Microchip Technology MCP47CVB02 Datasheet HTML 54Page - Microchip Technology MCP47CVB02 Datasheet HTML 55Page - Microchip Technology MCP47CVB02 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 124 page
background image
MCP47CXBXX
DS20006089B-page 52
 2018-2019 Microchip Technology Inc.
TABLE 4-2:
FACTORY DEFAULT POR/BOR VALUES (MTP MEMORY UNPROGRAMMED)
Function
POR/BOR Value
Function
POR/BOR Value
00h Volatile DAC0 Register
7Fh
1FFh
7FFh
10h Nonvolatile DAC0 Wiper
Register(1)
7Fh
1FFh
7FFh
01h Volatile DAC1 Register
7Fh
1FFh
7FFh
11h Nonvolatile DAC1 Wiper
Register(1)
7Fh
1FFh
7FFh
02h Reserved(3)
—
—
—
12h Reserved(3)
—
—
—
03h Reserved(3)
—
—
—
13h Reserved(3)
—
—
—
04h Reserved(3)
—
—
—
14h Reserved(3)
—
—
—
05h Reserved(3)
—
—
—
15h Reserved(3)
—
—
—
06h Reserved(3)
—
—
—
16h Reserved(3)
—
—
—
07h Reserved(3)
—
—
—
17h Reserved(3)
—
—
—
08h Volatile VREF Register
0000h 0000h 0000h
18h Nonvolatile VREF Register(1) 0000h
0000h
0000h
09h Volatile Power-Down
Register
0000h 0000h 0000h
19h Nonvolatile Power-Down
Register(1)
0000h
0000h
0000h
0Ah Volatile Gain and Status
Register(4)
0080h 0080h 0080h
1Ah NV Gain and I2C 7-Bit Slave
Address(1,2)
0060h
0060h
0060h
0Bh Reserved(3)
0000h 0000h 0000h
1Bh NV WiperLock™
Technology Register(1)
0000h
0000h
0000h
0Ch General Purpose MTP(1)
0000h 0000h 0000h
1Ch General Purpose MTP(1)
0000h
0000h
0000h
0Dh General Purpose MTP(1)
0000h 0000h 0000h
1Dh General Purpose MTP(1)
0000h
0000h
0000h
0Eh General Purpose MTP(1)
0000h 0000h 0000h
1Eh General Purpose MTP(1)
0000h
0000h
0000h
0Fh General Purpose MTP(1)
0000h 0000h 0000h
1Fh General Purpose MTP(1)
0000h
0000h
0000h
Legend:
Volatile Memory Address Range
Nonvolatile Memory Address Range
Not Implemented
Note 1: On nonvolatile devices only (MCP47CMBXX).
2: Default I2C 7-bit Slave address is ‘110 0000’ (‘110 00xx’ when A1:A0 bits are determined from the A1 and A0 pins).
3: Reading a reserved memory location will result in the I2C command to Not ACK the command byte. The device data
bits will output all ‘1’s. A Start condition will reset the I2C interface.
4: The ‘1’ bit is the POR status bit, which is set after the POR event and cleared after address 0Ah is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com