Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CVB02 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP47CVB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB02 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP47CVB02 Datasheet HTML 58Page - Microchip Technology MCP47CVB02 Datasheet HTML 59Page - Microchip Technology MCP47CVB02 Datasheet HTML 60Page - Microchip Technology MCP47CVB02 Datasheet HTML 61Page - Microchip Technology MCP47CVB02 Datasheet HTML 62Page - Microchip Technology MCP47CVB02 Datasheet HTML 63Page - Microchip Technology MCP47CVB02 Datasheet HTML 64Page - Microchip Technology MCP47CVB02 Datasheet HTML 65Page - Microchip Technology MCP47CVB02 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 124 page
background image
MCP47CXBXX
DS20006089B-page 62
 2018-2019 Microchip Technology Inc.
5.2.3
USING AN EXTERNAL VREF
SOURCE IN BUFFERED MODE
The VREF pin voltage may be from 0V to VDD. The input
buffer (amplifier) provides low offset voltage, low noise,
and a very high input impedance, with only minor
limitations on the input range and frequency response.
Any variation or noises on the reference source can
directly affect the DAC output. The reference voltage
needs to be as clean as possible for accurate DAC
performance.
5.2.4
USING THE INTERNAL BAND GAP
AS VOLTAGE REFERENCE
The internal band gap is designed to drive the resistor
ladder buffer.
If the internal band gap is selected, then the band gap
voltage source will drive the external VREF pins. The
VREF0 pin can source up to 1 mA of current without
affecting the DAC output specifications. The VREF1 pin
must be left unloaded in this mode. The voltage refer-
ence source can be independently selected on devices
with two DAC channels, but restrictions apply:
•The VDD mode can be used without issues on any
channel.
• When the internal band gap is selected as the voltage
source, all the VREF pins are connected to its output.
The use of the Unbuffered mode is only possible on
VREF0, because it’s the only one that can be loaded.
• When using the Internal Band Gap mode on
Channel 0, Channel 1 must be put in Buffered
External VREF mode or VDD Reference mode and
the VREF1 pin must be left unloaded.
The resistance of the Resistor Ladder (RRL) is targeted
to be 71 k
 (10%), which means a minimum
resistance of 63.9 k
.
The band gap selection can be used across the VDD
voltages while maximizing the VOUT voltage ranges.
For VDD voltages below the Gain  VBG voltage, the
output for the upper codes will be clipped to the VDD
voltage. Table 5-1 shows the maximum DAC register
code given device VDD and Gain bit setting.
5.3
Output Buffer/VOUT Operation
The output driver buffers the Wiper Voltage (VW) of the
resistor ladder.
The DAC output is buffered with a low-power, precision
output amplifier with selectable gain. This amplifier pro-
vides a rail-to-rail output with low offset voltage and low
noise. The amplifier’s output can drive the resistive and
high-capacitive loads without oscillation. The amplifier
provides a maximum load current, which is enough for
most programmable voltage reference applications.
Refer to Section 1.0 “Electrical Characteristics” for
the specifications of the output amplifier.
Figure 5-5 shows a block diagram of the output driver
circuit.
FIGURE 5-5:
Output Driver Block Diagram.
Power-down logic also controls the output buffer
operation (see Section 5.5 “Power-Down Operation”
for additional information on power-down). In any of the
three Power-Down modes, the output amplifier is
powered down and its output becomes a high-impedance
to the VOUT pin.
5.3.1
PROGRAMMABLE GAIN
The amplifier’s gain is controlled by the Gain (G)
Configuration bit (see Register 4-4) and the VRL
reference selection (see Register 4-2).
The Gain options are:
a) Gain of 1, with either the VDD or VREF pin used
as the reference voltage.
b) Gain of 2, only when the VREF pin or the internal
band gap is used as the reference voltage. The
VREF pin voltage should be limited to VDD/2.
When the Reference Voltage Selection (VRL) is
the device’s VDD voltage, the Gx bit is ignored
and a gain of 1 is used.
TABLE 5-1:
VOUT USING BAND GAP
Max DAC Code(1)
Comment
12-Bit 10-Bit 8-Bit
5.5
1
FFFh
3FFh
FFh VOUT(max) = 1.214V
(3)
2
FFFh
3FFh
FFh VOUT(max) = 2.428V
(3)
2.7
1
FFFh
3FFh
FFh VOUT(max) = 1.214V
(3)
2
FFFh
3FFh
FFh VOUT(max) = 2.428V
1.8
1
FFFh
3FFh
FFh VOUT(max) = 1.214V
2(2) BBCh2EFhBBh 1.8V
Note 1: Without the VOUT pin voltage being clipped.
2: Recommended to use the Gain = 1 setting.
3: When VBG = 1.214V typical.
Note:
The load resistance must be kept higher
than 2 k
 to maintain stability of the
analog output and have it meet electrical
specifications.
VW
VOUT
PD1:PD0
VDD
PD1:PD0
Gain
(1x or 2x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com