Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CVB02 Datasheet(PDF) 76 Page - Microchip Technology

Part # MCP47CVB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB02 Datasheet(HTML) 76 Page - Microchip Technology

Back Button MCP47CVB02 Datasheet HTML 72Page - Microchip Technology MCP47CVB02 Datasheet HTML 73Page - Microchip Technology MCP47CVB02 Datasheet HTML 74Page - Microchip Technology MCP47CVB02 Datasheet HTML 75Page - Microchip Technology MCP47CVB02 Datasheet HTML 76Page - Microchip Technology MCP47CVB02 Datasheet HTML 77Page - Microchip Technology MCP47CVB02 Datasheet HTML 78Page - Microchip Technology MCP47CVB02 Datasheet HTML 79Page - Microchip Technology MCP47CVB02 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 124 page
background image
MCP47CXBXX
DS20006089B-page 76
 2018-2019 Microchip Technology Inc.
7.5.4
CONTINUOUS WRITES TO
VOLATILE MEMORY
A Continuous Write mode of operation is possible when
writing to the device’s Volatile Memory registers (see
Table 7-2). This Continuous Write mode allows writes
without a Stop or Restart condition, or repeated trans-
missions of the I2C control byte. Figure 7-3 shows the
sequence for three continuous writes. The writes do not
need to be to the same volatile memory address. The
sequence ends with the Master sending a Stop or
Restart condition.
7.5.5
CONTINUOUS WRITES TO
NONVOLATILE MEMORY
If a continuous write is attempted on nonvolatile
memory, the missing Stop condition will cause the
command to be an error condition (A) on all following
bytes. A Start bit is required to reset the command state
machine.
FIGURE 7-2:
I2C ACK/NACK Behavior (Write Command Example).
TABLE 7-2:
VOLATILE MEMORY
ADDRESSES
Address
Single Channel
Dual Channel
00h
Yes
Yes
01h
No
Yes
08h
Yes
Yes
09h
Yes
Yes
0Ah
Yes
Yes
Note:
All bytes are ignored and not transferred
to memory.
Write 1 Word Command
S
Slave Address
Command
Data Byte
Data Byte
P
Master
S
0
x
P
Example 1 (No Command Error)
Master
S 1 1 0 0 0 0 0 01 0 0 0 0 1 0 0 x1 d d d d d d d d1 d d d d d d d d1 P
MCP47CXBXX
000
0
I2C Bus
S 1 1 0 0 0 0 0 00 0 0 0 0 1 0 0 x0 d d d d d d d d0 d d d d d d d d0 P
Example 2 (Command Error)
Master
S 1 1 0 0 0 0 0 01 0 1 1 1 1 0 0 x1 d d d d d d d d1 d d d d d d d d1 P
MCP47CXBXX
011
1
I2C Bus
S 1 1 0 0 0 0 0 00 0 1 1 1 1 0 0 x0 d d d d d d d d1 d d d d d d d d1 P
Note: Once a command error has occurred (Example 2), the MCP47CVBXX will NACK until a Start condition occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com