Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CVB02 Datasheet(PDF) 86 Page - Microchip Technology

Part # MCP47CVB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB02 Datasheet(HTML) 86 Page - Microchip Technology

Back Button MCP47CVB02 Datasheet HTML 82Page - Microchip Technology MCP47CVB02 Datasheet HTML 83Page - Microchip Technology MCP47CVB02 Datasheet HTML 84Page - Microchip Technology MCP47CVB02 Datasheet HTML 85Page - Microchip Technology MCP47CVB02 Datasheet HTML 86Page - Microchip Technology MCP47CVB02 Datasheet HTML 87Page - Microchip Technology MCP47CVB02 Datasheet HTML 88Page - Microchip Technology MCP47CVB02 Datasheet HTML 89Page - Microchip Technology MCP47CVB02 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
MCP47CXBXX
DS20006089B-page 86
 2018-2019 Microchip Technology Inc.
8.2
Power Supply Considerations
The power source should be as clean as possible. The
power supply to the device is also used for the DAC
voltage reference internally if the internal VDD is
selected as the resistor ladder’s reference voltage
(VRxB:VRxA = 00).
Any noise induced on the VDD line can affect the DAC
performance. Typical applications will require a bypass
capacitor in order to filter out high-frequency noise on
the VDD line. The noise can be induced onto the power
supply’s traces or as a result of changes on the DAC out-
put. The bypass capacitor helps to minimize the effect of
these noise sources on signal integrity. Figure 8-2
shows an example of using two bypass capacitors (a
10 µF tantalum capacitor and a 0.1 µF ceramic capaci-
tor) in parallel on the VDD line. These capacitors should
be placed as close to the VDD pin as possible (within
4 mm). If the application circuit has separate digital and
analog power supplies, the VDD and VSS pins of the
device should reside on the analog plane.
FIGURE 8-2:
Example Circuit.
5
Analog
VDD
1
2
3
8
6
VDD
SDA
SCL
VSS
VOUT0
7
R1
R2
To MCU
R1 and R2 are I2C pull-up resistors:
R1 and R2:
5k
-10 k for fSCL = 100 kHz to 400 kHz
~700
 for fSCL = 3.4 MHz
C1: 0.1 µF capacitor
= Ceramic
C2: 10 µF capacitor
= Tantalum
C3:~ 0.1 µF
= Optional to reduce noise in
VOUT pin
C4: 0.1 µF capacitor
= Ceramic
C5: 10 µF capacitor
= Tantalum
C6: 0.1 µF capacitor
= Ceramic
C2
C1
MCP47CVBX2
Optional
(a) Circuit when VDD is selected as reference.
Note: VDD is connected to the reference circuit internally.
(b) Circuit when external reference is used.
Output
VREF
45
LAT/HVC
VOUT1
C4
C3
Analog
VDD
1
2
3
8
6
VDD
SDA
SCL
VSS
VOUT0
7
To MCU
C2
C1
MCP47CVBX2
Optional
Output
VREF
4
LAT/HVC
VOUT1
C5
Optional
VREF
C6
R1
R2
C4
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com