Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G8I80SC62-R Datasheet(PDF) 4 Page - Silicom Ltd.

Part # M1E2G8I80SC62-R
Description  Gigabit Ethernet and Sever Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8I80SC62-R Datasheet(HTML) 4 Page - Silicom Ltd.

  M1E2G8I80SC62-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 5Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Auto negotiation
Auto-negotiation between Full duplex and simplex operations and between 10Mb/s 100Mb/s
speeds and duplex 1000Mb/s
Data Transfer Rate
1000 Mbit/s, 100 Mbit/s and 10 Mbits/sec in simplex mode per port
2000Mbit/s 200 and 20 Mbit/s in full duplex mode per port
Cables and Operating distance
10Base-T Category 3, 4, or 5 maximum 100m
100Base-Tx Category 5 maximum 100m
1000Base-T Category 5E maximum 100m
Security System Throughout
System Throughout values are shown below. System values represent measured, memory-to-memory, in-system throughout on an
optional platform using large buffer sizes and maximum pipelining.
Function
Value
Full SSL processing
throughout AES+SHA
2500 Mbp/s
Full IPSec AES/SHA
2500 Mbp/s
MAX Diffie-Helman (1024-bit
module, 180-bit exponent)
32000 Transaction /Second
MAX RSA 1024-bit exponent
with CRT
17000 Transaction /Second
Random Number Generator
200 Mbps
Operating Systems Support
Operating system support:
Linux
General Technical Specifications
Interface Standard:
PCI ExpressModule Specification revision 1.0
Silicom SETAC
PCI-Express Base Specification Revision 2.0 ( 5 GTs)
Board Size:
168.2mm x 98mm (6.62”X3.858”)
PCI Express Card Type:
X8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com