Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G8I80SC62-R Datasheet(PDF) 2 Page - Silicom Ltd.

Part # M1E2G8I80SC62-R
Description  Gigabit Ethernet and Sever Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8I80SC62-R Datasheet(HTML) 2 Page - Silicom Ltd.

  M1E2G8I80SC62-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 5Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Triple speed 1000Mbps (1000Base-T), 100 Mbps (100Base-Tx) and 10 Mbps (100Base-T) operation
Nway auto negotiation automatic sensing and switching between 1Gbps full duplex and 100 / 10 Mbps operations Simplex or
Full Duplex
RJ-45 female connectors
Performance Features:
Supports Intel I/O ® Acceleration Technology v3.0
Stateless offloads (header split, RSS)
Direct Cache access
UDP, TCP, and IP Checksum offload
UDP and TCP transmit checksum offload
SCTP receive and transmit checksum offload
Virtualization Ready:
8 Transmit and Receive queues per port
Support up to 8 VMs per port ( 1 queue allocated to each VM)
Packet interrupt coalescing timers (packet timers) and absolute- delay interrupt timers for both transmit and receive operation
Security:
Single Chip solutions that accelerates all cryptographic operations and the SSL, IPsec / IKE, and CCMP protocols
Up to 32K 180-bit Diffie-Hellman Public Key generation (groups 1,2,5)
Up to 17K 1024-bit RSA operations/second
Up to 2.5Gbps Bulk Data Encryption + Hashing (SSL, IPSec, or CCMP)
Multi Algorithm support
RSA and Diffie-Helman (Groups 1,2,5)
DES/3DES, AES, ARCFOUR
MD5, SHA-1, HMAC-MD5, HMAC-SHA-1
AES-GCM
KASUMI
SHA-256/384/512
200Mbps Random Number Generator
Host Interface: PCI Express x4 lanes
Applications:
VPN appliances



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com