Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G8I80SC62-R Datasheet(PDF) 6 Page - Silicom Ltd.

Part # M1E2G8I80SC62-R
Description  Gigabit Ethernet and Sever Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8I80SC62-R Datasheet(HTML) 6 Page - Silicom Ltd.

  M1E2G8I80SC62-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 5Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
6
Leads, 0.5Kv Signals Leads
CE IEC 6100-4-5:1995
Immunity to conductive surges COM Mode; 2kV,
Dif. Mode 1kV
CE IEC 6100-4-6:1996
Conducted immunity (0.15-80 MHz) 3VRMS 80% A.M.
By 1kHz
CE IEC 6100-4-11:1994
Voltage Dips and Short Interruptions
V reduc >95%, 30% >95% Duration 0.5per, 25per, 250per
LEDs
LEDs:
(2) LEDs per port
Left LED: Link/Act :
Turns on link (Green),
Blinks on activity (Green)
Right LED : Link Speed:
Turns on Yellow 1G Link.
Turns on Green 100M Link
LEDs location:
LEDs are integrated with the RJ-45 connector. Each port has 2 Leds: one in each side: left:
link-act, right: speed
Connectors:
(1) Shielded Octal RJ-45 4X2
Order Information
P/N
Description
Notes
M1E2G8I80SC62-R
Eight Port Copper Gigabit Ethernet and Security
Accelerator multifunction Express Module Server
Adapter
X8, Based on Intel 82580EB, Cavium Nitrox PX
1620, PCI-E ExpressModule, RoHS compliant,
Security
-R: RoHS Compliant / Lead free adapter
-C: with canister
Advanced features may require driver software support
1V3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com