Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G8I80SC62-R Datasheet(PDF) 1 Page - Silicom Ltd.

Part # M1E2G8I80SC62-R
Description  Gigabit Ethernet and Sever Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8I80SC62-R Datasheet(HTML) 1 Page - Silicom Ltd.

  M1E2G8I80SC62-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 5Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
M1E2G8i80SC62
Eight Port Copper Gigabit Ethernet and Security accelerator Multifunction ExpressModule Server
Adapter
Product Description
Silicom’s Eight Port Copper Gigabit Ethernet and security protocol accelerator multifunction ExpressModule Server adapter is PCI-
Express X8 Eight Copper Gigabit Ethernet network interface card and security protocol accelerator that can fit into a 3.5” HD form
factor. The Silicom Eight Port Copper Express Module is the front I/O module in Silicom Server to Network Appliance Converter
(SETAC) architecture.
Silicom’s Eight Port Copper Gigabit Ethernet and security ExpressModule Server adapter is designed for Servers and high-end
appliances. The performance is optimized so that system I/O is not the bottleneck in high-performance networking applications.
Silicom’s Eight Port Copper Gigabit Ethernet and security protocol accelerator multifunction ExpressModule Server adapters are
based on Intel 82580EB Ethernet controller with quad fully integrated Gigabit Ethernet Media Access Control (MAC) and PHY and
on the Cavium Nitrox PX (16XX) Security protocol processor accelerator.
Silicom’s multifunction security protocol adapter provides bulk cryptographic acceleration for 3DES, DES, AES and ARCFOUR
symmetric encryption algorithms, for the SHA-1 and MD5 hash algorithm, and for the HMAC-SHA-1 and HMAC-MD5 keyed
authentication algorithms. It provides public key acceleration for the RSA, DSA, and diffie-Helman asymmetric algorithms, as well
as basic Modular Math functions.
Macro processing within the CN1620 processor, allows systems to offload high-level SSL or IPsec protocol commands that reduce
the host I/O traffic and system processor to increase the total system throughput. This also frees system processor resources for
other functions, increasing overall system performance.
The Silicom Protocol Processor ExpressModule adapter is the ideal solution for high-end and mid-end virtual private networking
(VPN), firewall appliances and SSL-based appliances.
Silicom’s Eight Port Copper Gigabit Ethernet and security ExpressModule server adapters are the ideal solution for implementing
multiple network segments, mission-critical high-powered networking applications and environments within high performance
servers.
Key Features
Copper Gigabit Ethernet 1000Base-T:
Independently copper Gigabit Ethernet channels support four Gigabit Ethernet (1000Base-T), Fast Ethernet (100Base-Tx) and
Ethernet (10Base-T)


Similar Part No. - M1E2G8I80SC62-R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
M1E2G8I80 SILICOM-M1E2G8I80 Datasheet
446Kb / 5P
Eight Port Copper Gigabit Ethernet Express Module Server Adapter
M1E2G8I80-R SILICOM-M1E2G8I80-R Datasheet
446Kb / 5P
Eight Port Copper Gigabit Ethernet Express Module Server Adapter
More results

Similar Description - M1E2G8I80SC62-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AOC-CTG-I1S ETC2-AOC-CTG-I1S Datasheet
368Kb / 1P
Compact and Powerful 10 Gigabit Ethernet Adapter
AOC-CTG-I2S ETC2-AOC-CTG-I2S Datasheet
509Kb / 1P
Compact and Powerful Dual-port 10 Gigabit Ethernet Adapter
logo
Silicom Ltd.
M1E2G6I6 SILICOM-M1E2G6I6 Datasheet
388Kb / 5P
Six Port Copper Gigabit Ethernet ExpressModule Server Adapter
OE2G2I35 SILICOM-OE2G2I35 Datasheet
369Kb / 5P
Dual Port Copper Gigabit Ethernet OCP Mezzanine Adapter
PEG1F SILICOM-PEG1F Datasheet
428Kb / 6P
Fiber Gigabit Ethernet PCI Express Server Adapter
USB3G2BP SILICOM-USB3G2BP Datasheet
434Kb / 5P
USB 3.0 to Dual Gigabit Ethernet Bypass Adapter
logo
Moxa Inc.
PM-7200 MOXA-PM-7200 Datasheet
287Kb / 5P
Gigabit and Fast Ethernet modules
PM-7500 MOXA-PM-7500 Datasheet
348Kb / 3P
Gigabit and Fast Ethernet modules
logo
List of Unclassifed Man...
DGE-560T ETC1-DGE-560T Datasheet
428Kb / 2P
PCI Express Gigabit Ethernet Network Adapter
logo
Molex Electronics Ltd.
0622029870 MOLEX-0622029870 Datasheet
34Kb / 1P
1 Gigabit Ethernet and 10 Gigabit Ethernet 2x6 Magnetic Jack Tooling
12/19/2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com