Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G8I80SC62-R Datasheet(PDF) 5 Page - Silicom Ltd.

Part # M1E2G8I80SC62-R
Description  Gigabit Ethernet and Sever Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8I80SC62-R Datasheet(HTML) 5 Page - Silicom Ltd.

  M1E2G8I80SC62-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 5Page - Silicom Ltd. M1E2G8I80SC62-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
PCI Express Voltage:
+12V +- 8%
PCI Connector:
Gold Finger: X8
Controller:
Intel 82580EB , Cavium Nitrox PX 1620
Holder:
Not included
I/O:
8 x RJ45 (4X2) located on edge of the board
Weight:
240 gram (8.46 oz)
Power Consumption:
15.6 W, 1.3A at 12V: Typical all ports operate at 1000Mbit/s, with security*.
14.4 W, 1.2 A at 12V: Typical all ports operate at 100Mbit/s, with security*.
13.44 W, 1.12 A at 12V: Typical all ports operate at 10Mbit/s, with security*.
15.48 W, 1.29 A at 12V: Typical all ports operate at 1000Mbit/s, without security.
13.2 W, 1.1 A at 12V: Typical all ports operate at 100Mbit/s, without security.
13.08 W, 1.09 A at 12V: Typical all ports operate at 10Mbit/s, without security.
11.52 W, 0.96 A at 12V: Typical No link at all ports
* Typical values when CN1620 works in mode of 4 cores
Operating Temperature:
-5°C
– 35°C (23°F – 95°F) for zero air flow
-5°C
– 40°C (23°F – 104°F) for 0.6 CFM air flow
Storage:
-20°C
–65°C (-4°F–149°F)
EMC Certifications:
FCC Part 15, Subpart B Class A
Conducted Emissions
Radiated Emissions
CE EN 55022: 1998 Class A Amendments A1: 2000; A2: 2003
Conducted Emissions
Radiated Emissions
CE EN 55024: 1998 Amendments A1: 2000; A2: 2003
Immunity for ITE Amendment A1: 2001
CE EN 61000-3-2 2000, Class A
Harmonic Current Emissions
CE EN 61000 3-3 1995, Amendment A1: 2001
Voltage Fluctuations and Flicker
CE IEC 6100-4-2: 1995
ESD Air Discharge 8kV. Contact Discharge 4kV.
CE IEC 6100-4-3:1995
Radiated Immunity (80-1000Mhz), 3V/m 80% A.M. by 1kHz
CE IEC 6100-4-4:1995
EFT/B: Immunity to electrical fast transients 1kV Power



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com