Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLG01 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PLG01
Description  Low Noise Amplifier for GPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLG01 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PLG01 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.prewell.com
2
Low Noise Amplifier for GPS
SJM PREWELL
PLG01
Products and product information are subject to change without notice. Version 0.3
RF IN
RF OUT
3. 3 pF
33pF
68nH
Vdd
3. 9 nH
6. 8 nH
10nF
1 uF
10 uF(Tantal)
1000
1050
1100
1150
1200
1250
1300
1350
1400
1450
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25℃
Frequency (MHz)
NF vs. Frequency
1000
1050
1100
1150
1200
1250
1300
1350
1400
1450
-35
-30
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Output Reurn Loss
1000
1050
1100
1150
1200
1250
1300
1350
1400
1450
-35
-30
-25
-20
-15
-10
-5
0
25℃
-40℃
80℃
Frequency (MHz)
Input Reurn Loss
1100
1150
1200
1250
1300
1350
0
5
10
15
20
25℃
-40℃
85℃
Frequency (MHz)
P1dB Vs. Frequency
P1dB vs. Frequency
NF vs. Frequency
1000
1050
1100
1150
1200
1250
1300
1350
1400
1450
10
15
20
25
30
35
40
25℃
-40℃
85℃
Frequency (MHz)
Gain Vs. Frequency
Parameters
Units
Frequency(MHz)
1100
1250
1350
S21
dB
33.3
31.9
30.8
S11
dB
-21.8
-25.6
-21.3
S22
dB
-18.2
-23.2
-21.9
P1dB
dBm
14.9
14.2
13.8
OIP3@-10dBm
dBm
15.0
15.2
15.0
NF
dB
1.17
0.97
0.94
Typical RF Performance for 1250MHz Tuned Application Circuit (Vdd=3V)
Output Return Loss
Gain vs. Frequency
Input Return Loss



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com